Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 3 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 3 Page - Exxelia Group

  FELSICCAPAX Datasheet HTML 1Page - Exxelia Group FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
33
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
Z
10 kHz
+20°C max.
(mΩ)
Il
+20°C
5 min max.
(mA)
I ~
100 Hz
Code
Ø
(mm)
H
(mm)
Typic
(mΩ)
100 Hz +20°C
(mΩ)
+40°C max.
(A)
+85°C
(A)
BC
BD
Rated voltage 50 V
10000
36
44
24
36
33
3,0
21
6,1
A 760101
A 761101
10000
36
52
21
32
30
3,0
22
7,0
A 760100
A 761100
15000
36
52
20
30
27
4,0
22
7,2
A 760103
A 761103
15000
36
80
19
29
24
4,0
22
8,9
A 760102
A 761102
22000
36
80
18
27
23
4,0
22
9,2
A 760105
A 761105
22000
36
104
17
26
21
4,0
22
11,0
A 760104
A 761104
33000
36
80
15
23
19
4,0
22
10,0
A 760108
A 761108
33000
51
81
12
18
15
4,0
25
13,0
A 760106
A 761106
47000
51
81
11
17
11
5,0
25
13,0
A 760107
A 761107
68000
51
144
10
15
10
6,0
25
18,0
A 760109
A 761109
100000
51
104
9
14
10
7,0
25
16,0
A 760111
A 761111
100000
66
104
8
12
9
7,0
50
18,0
A 760110
A 761110
150000
66
104
7
11
10
10,0
50
19,0
A 760112
A 761112
150000
77
104
7
11
10
10,0
55
21,0
A 760113
A 761113
220000
77
104
6
9
8
12,0
55
22,0
A 760115
A 761115
220000
77
144
5
8
7
12,0
55
28,0
A 760114
A 761114
330000
77
144
4
6
6
15,0
55
31,0
A 760116
A 761116
330000
90
144
4
6
6
15,0
80
34,0
A 760117
A 761117
470000
90
144
3
5
4
16,0
80
40,0
A 760118
A 761118
Rated voltage 63 V
4700
36
44
45
68
52
1,6
16
4,5
A 760123
A 761123
6800
36
52
35
50
39
2,5
19
5,5
A 760120
A 761120
10000
36
80
23
34
28
3,0
22
8,1
A 760122
A 761122
15000
36
104
21
32
25
5,0
22
9,6
A 760124
A 761124
22000
36
104
19
29
23
5,0
22
10,0
A 760121
A 761121
22000
51
62
15
23
18
5,0
25
10,0
A 760125
A 761125
33000
51
81
12
18
15
5,0
25
13,0
A 760126
A 761126
47000
51
81
11
17
14
6,0
25
13,0
A 760127
A 761127
47000
51
104
11
17
14
6,0
25
15,0
A 760128
A 761128
56000
51
104
9
14
12
7,0
25
16,0
A 760130
A 761130
68000
51
144
9
14
12
8,0
25
19,0
A 760129
A 761129
100000
66
104
8
12
10
9,0
50
18,0
A 760131
A 761131
100000
73
144
7
11
9
9,0
55
23,0
A 760132
A 761132
150000
77
104
7
11
9
12,0
55
21,0
A 760133
A 761133
150000
77
144
6
9
8
12,0
55
26,0
A 760134
A 761134
220000
77
144
5
8
8
15,0
55
28,0
A 760136
A 761136
220000
77
220
5
8
8
15,0
55
34,0
A 760135
A 761135
330000
90
144
4
6
5
15,0
80
34,0
A 760137
A 761137
330000
90
200
3
5
4
15,0
80
45,0
A 760138
A 761138
Rated voltage 80 V
4700
36
52
50
75
60
2,2
16
4,6
A 760140
A 761140
6800
36
80
33
53
42
3,0
22
6,8
A 760142
A 761142
10000
51
62
22
33
25
5,0
25
8,3
A 760145
A 761145
15000
51
81
17
25
20
5,0
25
11,0
A 760146
A 761146
22000
51
104
14
21
17
6,0
25
13,0
A 760148
A 761148
33000
51
144
12
18
15
6,0
25
16,0
A 760149
A 761149
47000
66
104
10
15
13
8,0
50
16,0
A 760150
A 761150
68000
73
144
8
12
10
9,0
55
22,0
A 760152
A 761152
100000
77
144
6
9
7
11,0
55
26,0
A 760154
A 761154
150000
90
144
5
8
7
14,0
80
31,0
A 760157
A 761157
220000
90
144
4
6
5
16,0
80
34,0
A 760158
A 761158
Rated voltage 100 V
2200
36
44
80
120
100
1,1
12
3,4
A 760163
A 761163
3300
36
52
65
100
80
2,0
14
4,0
A 760160
A 761160
4700
36
80
45
68
54
2,5
20
5,8
A 760162
A 761162
6800
36
80
40
60
50
4,0
22
6,1
A 760164
A 761164
6800
51
62
30
45
35
4,0
25
7,1
A 760165
A 761165
10000
36
104
25
38
30
5,0
22
8,8
A 760168
A 761168
10000
51
81
20
30
21
5,0
25
10,0
A 760166
A 761166
15000
51
81
18
27
19
6,0
25
10,0
A 760167
A 761167
22000
51
144
16
24
18
6,0
25
14,0
A 760169
A 761169
33000
66
104
12
18
15
8,0
50
14,0
A 760170
A 761170
47000
66
104
10
15
13
9,0
50
16,0
A 760171
A 761171
47000
73
144
8
12
10
9,0
55
22,0
A 760172
A 761172
68000
77
144
7
11
10
10,0
55
24,0
A 760174
A 761174
100000
77
144
6
9
7
11,0
55
26,0
A 760175
A 761175
100000
90
144
6
9
7
11,0
80
28,0
A 760177
A 761177
150000
90
144
4
6
5
14,0
80
34,0
A 760176
A 761176
150000
90
200
3
5
4
14,0
80
45,0
A 760178
A 761178
FELSIC CAPAX
15 000 h / 85°C
BC - BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com