Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 13 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 13 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group FELSICCAPAX Datasheet HTML 12Page - Exxelia Group FELSICCAPAX Datasheet HTML 13Page - Exxelia Group FELSICCAPAX Datasheet HTML 14Page - Exxelia Group FELSICCAPAX Datasheet HTML 15Page - Exxelia Group FELSICCAPAX Datasheet HTML 16Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
11
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
General technical data
8. INFORMATION ON APPLICATION
8.1. CLEANING SOLVENTS
Use aliphatic alcohols, such as denatured ethyl alcohol, isopropanol, or butylacetate,
or else alkaline d Iluted solutions. Avoid incompatible solvents (halogenous for
example).
8.2. SHELF LIFE
There is no electrical characteristics variation for long periods of storage except
leakage current which can increase.
It is caused by chemical reactions between the dielectric alumina and the electrolyte.
These reactions are reversible when switched on. Capacitors can generally be stored
at temperature between –5° and +50°C without reforming for the following periods
of time :
• For UR ≤ 100 V, storage time : .........................................5 years
(up to 10 years under specific conditions)
• For 100 V < UR ≤ 360 V storage time : ............................3 years
• For 360 V < UR < 500 V storage time : ..............................1 year
• For UR ≤ 500 V, storage time : ..................................... 6 months
Generally when these periods are overstepped, one hour at rated voltage causes the
decrease of leakage current under the specified limits. An other way to avoid this
leakage current increase problem is to always limit ava Ilable power through capacitor
during first seconds or minutes after storage or transport, according to the following
chart :
8.3. LOW PRESSURE RESISTANCE
EXXELIASICSAFCO capacitors can be used with ambient low pressure decreasing up to
10 mbar (altitude 28000 m – 92000 feet).
8.4. MOUNTING SCREW TERMINALS CAPACITORS (FELSIC)
Capacitors may be used vertically (terminals on top) or horizontally. When used
horizontally, the following position in relation to the safety vent, is recommended :
Mounting capacitors in series may be used for operating voltage exceeding UR. See
FELSIC in bank
.
8.5. MOUNTING SOLDER TYPE CAPACITORS.
They may be used in any position. During mounting, avoid applying excessive force to
capacitor pins or wires. There is a risk of damaging internal connections.
After soldering and for the same reasons, do not try to move the capacitor's body.
8.6. ELECTROLYTES : SAFETY RULES.
Electrolytes used in EXXELIASICSAFCO capacitors are manufactured by EXXELIASICSAFCO.
Main solvents are generally butyrolactone and ethylene glycol, very stable high bo
Iling point solvents. Ionic conductive salts in electrolyte induce a very weak acidity
(pH 5 to 7).
8.7. ENVIRONMENT.
• There is no possib Ility to produce gaseous emissions of nitrogen oxides or liquid
emissions of nitrites or nitrates during the manufacture process.
• There is no possib Ility to produce liquid emissions or salts coming from dangerous
metals such as mercury, hexavalent chromium or cadmium and from poisons such
as arsenic or cyanides.
Accessories not made in aluminum, ring, screw, are also plated in anticorrosion
processes without cadmium.
EXXELIASICSAFCO is always involved in this security field particularly in using whenever
it’s possible chemicals for electrolyte, without well-known risks.
• Dimethylformamide (DMF) dangerous solvent forbidden in several uses is
completely excluded by EXXELIASICSAFCO, since 1990.
• There is no halogen compound such as chlorofluorocarbon (CFC or FCKW in
german) or polychlorobiphenyl (PCB-Pyralene) or pentabromodiphenylether or
octabromodiphenylether.
There is neither benzene, toluene or phenyl compound nor explosive such as picric
acid, nor asbestos in plastic covers.
All the capacitors made by EXXELIASICSAFCO since 1991, can be scrapped or used in raw
materials recycling processes with-out special care.
EXXELIASICSAFCO aluminum capacitors with non solid electrolyte are particularly
suitable for different kinds of environment taking in account severity increasing laws.
European directives 2003/11/EC, 2002/96/EC (WEEE) and 2002/95/EC (RoHS)
applies to all EXXELIASICSAFCO capacitors including every solder type, manufactured
with pure tin coated pins or wires, since at least January 2006.
EXXELIASICSAFCO capacitors do not contain any carcinogen, mutagen and substance
toxic for reproduction in accordance with 1907/2006/EC (REACH) European directive
target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com