Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 9 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 9 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group FELSICCAPAX Datasheet HTML 12Page - Exxelia Group FELSICCAPAX Datasheet HTML 13Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
7
Tel : + 33 (0)2 40 01 26 51
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 07/16
4.4. DISSIPATION FACTOR TAN
The dissipation or loss factor is defined by its tangent Tan
4.5. EQUIVALENT SERIES RESISTANCE ESR
The relation between ESR and dissipation factor Tan is given in § 4.4.
4.6. IMPEDANCE Z - INDUCTANCE L
The impedance is given by :
Z =
g R2 + (L –1 )2
C
L inductance. Generally L = 5 to 20 nH
Z and ESR as function of frequency typically follows the chart :
4.7. PERMISSIBLE RIPPLE CURRENT (I r.m.s.) I~
The current is defined at the maximum climatic category and at 100 Hz. It is the root
mean square value r.m.s. The value I0 is the rated value for calculations of expected
life up to3 I0.
4.8. LEAKAGE CURRENT Il
Il is measured at 20°C after a 5 min. polarization under rated voltage.
For CR in µF and UR in V :
Il ≤ 0,01 CR UR or 1 µA*
when CR UR ≤ 1000 µC
Il ≤ 0,006 CR UR + 4 µA
when CR UR > 1000 µC
For UR > 350 VDC it can be specified :
with K = 4, 6 or 8
or
Il ≤ 0,3 (CR UR)0,7 + 4 µA (CECC 30 300)
* Whichever is the greater
4.9. CHARACTERISTICS
Versus temperature (typical values).
4.9.1. Capacitance drift
Versus temperature
4.9.2. ESR and Z drifts at 100 Hz
Versus temperature
4.9.3 Leakage current drift
Versus temperature
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com