Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 1 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 1 Page - Exxelia Group

  FELSICCAPAX Datasheet HTML 1Page - Exxelia Group FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
31
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 10/17
Tel : + 33 (0)2 40 01 26 51
10 V ... 500 V
100 µF ... 2 200 000 µF
Ø 36 mm ... Ø 90 mm
– 55°C + 85°C
Long Life Time
DIMENSIONS (mm)
Ø ±1
H±2
Hb ±2
C ±0,5
b
36
44
50
12,7
M5
8
36
52
58
12,7
M5
8
36
60
66
12,7
M5
8
36
80
86
12,7
M5
8
36
104
110
12,7
M5
8
51
62
68
22,2
M5
13
51
81
87
22,2
M5
13
51
104
110
22,2
M5
13
51
144
150
22,2
M5
13
66
104
110
28,5
M5
13
73
104
110
31,7
M5
13
73
144
150
31,7
M5
13
77
104
110
31,7
M5
13
77
144
150
31,7
M5
13
77
220
226
31,7
M5
13
90
144
151
31,7
M6
13
90
200
207
31,7
M6
13
BC
Insulated aluminum case
Hexagonal screws
Spring washers
Fixing clip must be ordered separately
BD
Aluminum case with sleeve
Hexagonal screws
Spring washers
Stud fixing delivered with capacitor
(steel hex nut, spring washer)
APPLICATIONS
• Power electronics : converters, current inverters
• Switch mode power supplies
• Magnetization, welding machines, flash
wFixing : Clip or stud fixing
Screw terminals : M5 or M6
Tolerance on capacitance at 20°C
: ±20 %
Operating temperature
: – 55°C + 85°C
RESISTANCE TO VIBRATIONS
HEXAGONAL SCREWS
Hb (mm)
>150
≤150
F (Hz)
10 –55 Hz
10 - 2000 Hz
Amplitude
0,75 mm
1,5 mm
Acceleration
10 g - 98 m/s²
20 g - 196 m/s²
t (h)
3 x 2 h
3 x 2 h
Screwing height between screws and terminals
Max. screw torque :
M5 : 3 Nm (x min 8 mm)
M6 : 6 Nm (x min 10 mm)
Ø
d
l
Max. nut torque
36
M8
12±1
4 Nm
≥ 51
M12
16±1,5
10 Nm
FELSIC CAPAX
15 000 h / 85°C
BC - BD
SPECIFICATIONS
NFC 83 110 - long life
DIN 41 240 - Climatic category GPF
– 55°C + 85°C / 56 days
CECC 30 300
IEC 60 384.4 long life
Standard endurance test at UR : 5000 h / 85°C
WITHSTAND STRENGTH OF INSULATING SLEEVE
Insulation resistance at 20°C between terminals
and mounting hardware : 100 MΩ
Test voltage at 50 Hz 1 min. between terminals
and mounting hardware : 2000 V
Fire resistance : self extinguish 15 s (IEC 60 695-2-2)


Similar Part No. - FELSICCAPAX

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
32 000 h / 85°C
Revision 01/19
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC105TFRS EXXELIA-FELSIC105TFRS Datasheet
631Kb / 12P
8 000 h / 105°C
Revision 01/19
FELSIC125FRS EXXELIA-FELSIC125FRS Datasheet
652Kb / 13P
3 500 h / 125°C
Revision 01/19
More results

Similar Description - FELSICCAPAX

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
FELSIC039 EXXELIA-FELSIC039 Datasheet
684Kb / 13P
32 000 h / 85°C
Revision 01/19
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSIC85M EXXELIA-FELSIC85M Datasheet
674Kb / 14P
15 000 h / 85°C
Revision 01/19
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
10 000 h / 85°C
Revision 04/23
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
10 000 h / 85°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
10 000 h / 85°C
Revision 01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com