Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 14 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 14 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group FELSICCAPAX Datasheet HTML 12Page - Exxelia Group FELSICCAPAX Datasheet HTML 13Page - Exxelia Group FELSICCAPAX Datasheet HTML 14Page - Exxelia Group FELSICCAPAX Datasheet HTML 15Page - Exxelia Group FELSICCAPAX Datasheet HTML 16Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
12
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
STUD FIXING : FELSIC BD
Steel nut, spring washer and insulating washer are delivered loosely with the
capacitor.
STANDARD MOUNTING WITH :
Insulating washer and steel nut
Insulating plastic nut with or without insulating washer
Ring - clip mounting : FELSIC LP
Ring clips shall be ordered separately.
Tightening screws and nuts are supplied loosely.
Ø Capacitor
Dimension (mm)
M
Ø A
Ø B
Ø C
Code
36
8
8,4
25
18,5
A 691060
51 - 77
12
12,5
30
21,5
A 691061
90
12
12,5
35
21,5
A 691062
Dimension (mm)
M
Ø A
H
L
Max. torque
Code
8
25
15
17
3 Nm
A 691070
12
30
20
19
7 Nm
A 691071
FELSIC 85 LP
FELSIC 105 LP
Code
Metal bracket
A691055
Plastic cap
A691065
Mounting and insulating parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com