Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 6 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 6 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
36
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 10/17
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
Z
10 kHz
+20°C max.
(mΩ)
Il
+20°C
5 min max.
(mA)
I ~
100 Hz
Code
Ø
(mm)
H
(mm)
Typic
(mΩ)
100 Hz +20°C
(mΩ)
+40°C max.
(A)
+85°C
(A)
BC
BD
Rated voltage 415 V
470
36
80
210
320
290
2,6
10
2,8
A 760322
A 761322
1000
51
62
110
170
140
3,9
13
3,7
A 760825
A 761825
1500
51
81
80
120
90
4,7
17
4,8
A 760826
A 761826
2200
51
104
60
90
70
5,7
22
6,2
A 760828
A 761828
3300
51
144
40
60
50
7
25
8,9
A 760829
A 761829
4700
73
104
30
45
34
8,3
34
10,0
A 760831
A 761831
6800
73
144
20
30
25
10
48
14,0
A 760832
A 761832
8200
77
144
16
24
19
11
55
16,0
A 760834
A 761834
10000
77
220
13
20
16
12
55
21,0
A 760835
A 761835
15000
90
200
10
16
13
15
80
25,0
A 760838
A 761838
Rated voltage 450 V
220
36
44
600
900
700
1,8
4,3
1,2
A 760843
A 761843
330
36
52
450
680
500
2,3
5,3
1,5
A 760840
A 761840
470
36
80
300
450
350
2,7
7,9
2,2
A 760342
A 761342
680
51
62
180
270
210
3,3
10
2,9
A 760845
A 761845
1000
51
81
120
180
150
4
14
4,0
A 760346
A 761346
1500
51
81
90
135
100
5
16
4,6
A 760847
A 761847
2200
51
144
60
90
70
6
25
7,2
A 760349
A 761349
2700
51
144
55
85
65
6,6
25
7,6
A 760844
A 761844
3300
66
104
50
75
60
7,3
25
7,1
A 760850
A 761850
3900
73
104
40
60
50
7,9
29
8,4
A 760851
A 761851
4700
73
144
30
45
38
8,7
39
11,0
A 760352
A 761352
4700
77
104
30
45
38
8,7
35
10,0
A 760854
A 761854
5600
73
144
25
40
32
9,5
43
12,0
A 760853
A 761853
6800
77
144
19
40
32
10
52
15,0
A 760855
A 761855
8200
77
144
17
26
22
11
53
15,0
A 760848
A 761848
8200
77
220
15
23
20
11
55
20,0
A 760356
A 761356
10000
90
144
13
20
18
13
67
19,0
A 760857
A 761857
14000
90
200
11
17
15
16
80
24,0
A 760858
A 761858
15000
90
200
10
16
14
17
80
25,0
A 760859
A 761859
Rated voltage 500 V
100
36
44
750
1100
900
1,3
3,8
1,1
A 760363
A 761363
150
36
52
500
750
600
1,6
5
1,4
A 760360
A 761360
220
36
80
280
420
300
2
8,1
2,3
A 760362
A 761362
330
36
104
240
360
260
2,4
10
2,8
A 760364
A 761364
470
51
62
200
300
220
2,9
10
2,7
A 760365
A 761365
680
51
81
140
210
150
3,5
11
3,3
A 760366
A 761366
1000
51
104
110
170
120
4,2
14
4,1
A 760368
A 761368
1500
51
144
90
140
100
5,2
18
5,3
A 760369
A 761369
2200
73
104
60
90
70
6,2
24
6,8
A 760371
A 761371
3300
73
144
40
60
50
7,7
34
9,6
A 760372
A 761372
4700
77
144
35
52
40
9,2
37
11,0
A 760374
A 761374
4700
77
220
28
42
30
9,2
50
14,0
A 760375
A 761375
5600
90
144
24
36
26
10
50
14,0
A 760377
A 761377
6800
90
200
15
23
17
11
72
20,0
A 760378
A 761378
8200
90
200
13
20
17
12
77
22,0
A 760379
A 761379
FELSIC CAPAX
BC - BD
15 000 h / 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com