Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 7 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 7 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
37
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 04/18
Tel : + 33 (0)2 40 01 26 51
UR
10 V
16 V
25 V
40 V
50 V
63 V
80 V
100 V 160 V 200 V
Up
11,5
18
29
46
58
72
92
115
184
230
Us
200
235
UR 250 V 305 V 350 V 360 V 385 V 400 V 410 V 415 V 450 V 460 V 500 V
Up
288
330
385
390
424
440
450
457
495
506
550
Us
290
335
405
405
430
450
468
468
500
540
600
PEAK VOLTAGE (V)
1000 cycles, without ripple current
Up : Repetitive standard peak voltage (30 s)
Us : Repetitive surge voltage (0,1 s)
Do not overstep this value without damage.
Dimensions (mm)
Ip (A)
I~ max.
Ø
H
40°C
85°C
(A)
36
44
330
170
22
36
52
400
200
22
36
60
450
220
22
36
80
600
300
22
36
104
700
400
22
51
62
700
400
25
51
81
800
400
25
51
104
1100
500
25
51
144
1300
600
25
66
104
1900
800
50
73
104
3000
1100
55
73
144
4000
1700
55
77
104
3100
1200
55
77
144
4200
1800
55
77
220
5700
2400
55
90
144
5700
2400
80
90
200
7700
3200
80
Dimensions (mm)
Id
Ø
H
(A)
36
44
200
36
52
230
36
60
300
36
80
440
36
104
580
51
62
600
51
81
740
51
104
990
51
144
1280
66
104
1400
73
104
1570
73
144
2200
77
104
2000
77
144
2800
77
220
3700
90
144
3900
90
200
4800
PERMISSIBLE REPETITIVE PEAK CURRENT Ip :
If given corresponding max r.m.s. currents are not exceeded,
peak current values are as follows :
(Hz)
50
100
300
600
1 000
10 000 ≥ 50 000
I
0,8 x I~
I~
1,2 x I~
1,3 x I~
1,35 x I~
1,5 x I~
1,6 x I~
PERMISSIBLE RIPPLE CURRENT I (R.M.S. VALUE)
versus frequency ƒ :
I ~ : permissible r.m.s. current at 100 Hz
FAST DISCHARGES WORKING (ID)
Discharge current Id = peak current of 3 ms per cycle of 1 to 60 s, at 40°C.
Id as a function of case
EXPECTED LIFE WITH ID :
• 1 to 5 discharges per minute For I = Id 48 000 000 cycles
• 10 discharges per minute For I = Id 36 000 000 cycles
• 15 discharges per minute For I = Id 18 000 000 cycles
I = Id/2 > 1 x 109 cycles
• 15 to 60 discharges per minute
To have the highest dissipated power, use preferably FELSIC CAPAX 500 V and
calculate r.m.s. current (general technical data § 6.4.2.).
In order to have the highest value of stored energy use preferably FELSIC
CAPAX 305 V, 360 V, 410 V and 460 V (0.4 Wh/kg).
CONNECTIONS IN SERIES :
Operating voltages exceeding 500 V up to 20000 V will be reached by connecting
capacitors with rated voltages higher or equal to 350 V in series.
EXPECTED LIFE
as a function of temperature and ripple current :
FELSIC CAPAX
15 000 h / 85°C
BC - BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com