Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 4 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 4 Page - Exxelia Group

  FELSICCAPAX Datasheet HTML 1Page - Exxelia Group FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
34
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 10/17
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
Z
10 kHz
+20°C max.
(mΩ)
Il
+20°C
5 min max.
(mA)
I ~
100 Hz
Code
Ø
(mm)
H
(mm)
Typic
(mΩ)
100 Hz +20°C
(mΩ)
+40°C max.
(A)
+85°C
(A)
BC
BD
Rated voltage 160 V
1000
36
44
100
150
120
0,9
11
3,0
A 760683
A 761683
1500
36
52
70
105
90
1,3
13
3,9
A 760180
A 761180
2200
36
60
60
90
70
2,0
15
4,4
A 760681
A 761681
3300
36
80
50
75
50
3,0
19
5,5
A 760682
A 761682
4700
36
104
36
54
36
4,0
22
7,3
A 760684
A 761684
6800
51
81
28
42
30
5,0
25
8,2
A 760686
A 761686
10000
51
104
20
30
23
6,0
25
11,0
A 760688
A 761688
15000
51
144
14
21
17
8,0
25
15,0
A 760689
A 761689
22000
73
104
12
18
14
10,0
53
15,0
A 760691
A 761691
33000
73
144
9
14
11
12,0
55
20,0
A 760692
A 761692
47000
77
220
6
9
8
14,0
55
31,0
A 760695
A 761695
68000
90
200
5
8
7
16,0
80
35,0
A 760698
A 761698
Rated voltage 200 V
1000
36
44
120
180
110
1,2
10
2,7
A 760703
A 761703
1000
36
52
95
145
90
1,2
12
3,3
A 760200
A 761200
1500
36
60
85
130
85
1,8
13
3,7
A 760701
A 761701
1500
36
80
70
105
75
1,8
16
4,6
A 760202
A 761202
2200
36
80
60
90
60
2,6
18
5,0
A 760702
A 761702
3300
36
104
50
75
50
3,5
22
6,2
A 760704
A 761704
4700
51
81
35
53
38
5,0
25
7,3
A 760706
A 761706
6800
51
104
30
45
33
8,0
25
8,8
A 760708
A 761708
10000
51
144
22
33
25
8,0
25
12,0
A 760709
A 761709
10000
66
104
18
27
21
8,0
41
12,0
A 760210
A 761210
15000
73
104
16
24
18
9,0
46
13,0
A 760711
A 761711
22000
73
144
12
18
14
12,0
55
18,0
A 760712
A 761712
33000
77
144
10
15
12
14,0
55
20,0
A 760714
A 761714
56000
90
200
6
9
8
16,0
80
32,0
A 760718
A 761718
Rated voltage 250 V
470
36
44
150
220
120
0,7
8,6
2,4
A 760723
A 761723
680
36
52
100
150
90
1,0
11
3,2
A 760220
A 761220
1000
36
60
85
130
85
1,5
13
3,7
A 760721
A 761721
1500
36
80
65
100
65
2,0
17
4,8
A 760722
A 761722
2200
36
104
60
90
60
3,0
20
5,7
A 760724
A 761724
3300
51
81
40
60
40
4,0
24
6,9
A 760726
A 761726
4700
51
104
35
53
36
6,0
25
8,2
A 760728
A 761728
6800
51
144
30
45
38
8,0
25
10,0
A 760729
A 761729
10000
73
104
20
30
23
9,0
41
12,0
A 760731
A 761731
15000
73
144
16
24
18
10,0
53
15,0
A 760732
A 761732
22000
90
144
10
15
12
14,0
76
22,0
A 760737
A 761737
33000
90
200
8
12
10
16,0
80
28,0
A 760738
A 761738
FELSIC CAPAX
BC - BD
15 000 h / 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com