Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 2 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 2 Page - Exxelia Group

  FELSICCAPAX Datasheet HTML 1Page - Exxelia Group FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
32
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
Z
10 kHz
+20°C max.
(mΩ)
Il
+20°C
5 min max.
(mA)
I ~
100 Hz
Code
Ø
(mm)
H
(mm)
Typic
(mΩ)
100 Hz +20°C
(mΩ)
+40°C max.
(A)
+85°C
(A)
BC
BD
Rated voltage 10 V
47000
36
52
17
26
20
2,8
22
7,3
A 760020
A 761020
68000
36
60
10
15
17
4,0
22
11,0
A 760021
A 761021
100000
36
80
8
12
13
5,0
22
14,0
A 760022
A 761022
150000
51
62
8
12
13
5,0
25
15,0
A 760025
A 761025
220000
51
81
6
9
10
5,0
25
18,0
A 760026
A 761026
330000
51
104
5
8
10
5,0
25
22,0
A 760028
A 761028
470000
51
144
5
8
10
5,0
25
24,0
A 760029
A 761029
680000
73
104
4
6
7
6,0
50
26,0
A 760031
A 761031
1 F
73
144
3
5
6
10,0
50
35,0
A 760032
A 761032
1,5 F
77
220
3
5
6
12,0
55
43,0
A 760035
A 761035
2,2 F
90
200
3
5
6
15,0
80
46,0
A 760038
A 761038
Rated voltage 16 V
22000
36
44
18
27
26
2,0
22
7,1
A 760044
A 761044
33000
36
52
16
24
24
3,0
22
8,1
A 760040
A 761040
47000
36
60
13
20
18
4,0
22
9,5
A 760041
A 761041
68000
36
80
11
17
15
5,0
22
12,0
A 760042
A 761042
100000
51
62
10
15
13
5,0
25
13,0
A 760045
A 761045
150000
51
81
8
12
11
5,0
25
15,0
A 760046
A 761046
220000
51
104
7
11
9
5,0
25
18,0
A 760048
A 761048
330000
51
144
5
8
7
6,0
25
24,0
A 760049
A 761049
470000
73
104
4
6
5
6,0
50
26,0
A 760051
A 761051
680000
73
104
3
5
6
6,0
50
31,0
A 760053
A 761053
680000
73
144
3
5
5
6,0
50
35,0
A 760052
A 761052
1 F
77
220
3
5
5
11,0
55
43,0
A 760055
A 761055
1,5 F
90
200
3
5
5
13,0
80
46,0
A 760058
A 761058
2,2 F
90
200
3
5
5
16,0
80
46,0
A 760059
A 761059
Rated voltage 25 V
15000
36
44
20
30
28
2,0
22
6,7
A 760064
A 761064
22000
36
52
16
24
22
3,0
22
8,1
A 760060
A 761060
33000
36
80
15
23
18
4,0
22
10,0
A 760062
A 761062
47000
36
80
13
20
16
5,0
22
11,0
A 760063
A 761063
68000
51
62
10
15
13
5,0
25
12,0
A 760065
A 761065
100000
51
81
8
14
10
5,0
25
15,0
A 760066
A 761066
150000
51
104
7
11
9
5,0
25
18,0
A 760068
A 761068
220000
51
104
6
9
7
6,0
25
20,0
A 760067
A 761067
220000
51
144
6
9
7
6,0
25
24,0
A 760069
A 761069
330000
66
104
5
8
6
7,0
50
22,0
A 760070
A 761070
330000
77
104
4
6
5
7,0
55
27,0
A 760073
A 761073
470000
73
144
3
5
5
8,0
55
35,0
A 760072
A 761072
470000
77
104
3
5
5
8,0
55
32,0
A 760074
A 761074
680000
77
144
3
5
5
12,0
55
36,0
A 760076
A 761076
680000
77
220
3
5
5
12,0
55
43,0
A 760075
A 761075
1 F
90
200
3
5
5
14,0
80
46,0
A 760078
A 761078
Rated voltage 40 V
10000
36
44
24
36
33
2,0
21
6,1
A 760083
A 761083
15000
36
60
19
29
27
3,0
22
7,8
A 760081
A 761081
22000
36
80
17
26
22
5,0
22
9,4
A 760082
A 761082
33000
36
80
16
24
20
5,0
22
9,7
A 760080
A 761080
33000
36
104
14
21
18
5,0
22
12,0
A 760084
A 761084
47000
36
80
12
18
16
5,0
22
11,0
A 760085
A 761085
47000
51
81
9
14
9
5,0
25
14,0
A 760086
A 761086
68000
51
104
8
12
8
6,0
25
17,0
A 760088
A 761088
100000
51
81
8
12
8
6,0
25
15,0
A 760087
A 761087
100000
51
144
7
11
8
6,0
25
21,0
A 760089
A 761089
150000
51
144
6
9
7
8,0
25
23,0
A 760090
A 761090
150000
73
104
6
9
7
8,0
55
22,0
A 760091
A 761091
220000
73
104
6
9
7
9,0
55
22,0
A 760093
A 761093
220000
73
144
5
8
7
9,0
55
27,0
A 760092
A 761092
330000
77
144
5
8
7
10,0
55
28,0
A 760094
A 761094
330000
90
144
4
6
6
10,0
80
34,0
A 760097
A 761097
560000
90
200
3
5
5
15,0
80
46,0
A 760098
A 761098
680000
90
200
3
5
5
16,0
80
46,0
A 760096
A 761096
FELSIC CAPAX
BC - BD
15 000 h / 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com