Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 5 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 5 Page - Exxelia Group

  FELSICCAPAX Datasheet HTML 1Page - Exxelia Group FELSICCAPAX Datasheet HTML 2Page - Exxelia Group FELSICCAPAX Datasheet HTML 3Page - Exxelia Group FELSICCAPAX Datasheet HTML 4Page - Exxelia Group FELSICCAPAX Datasheet HTML 5Page - Exxelia Group FELSICCAPAX Datasheet HTML 6Page - Exxelia Group FELSICCAPAX Datasheet HTML 7Page - Exxelia Group FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
35
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 10/17
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Case
ESR
Z
10 kHz
+20°C max.
(mΩ)
Il
+20°C
5 min max.
(mA)
I ~
100 Hz
Code
Ø
(mm)
H
(mm)
Typic
(mΩ)
100 Hz +20°C
(mΩ)
+40°C max.
(A)
+85°C
(A)
BC
BD
Rated voltage 350 V
330
36
44
280
420
250
0,7
6,3
1,8
A 760764
A 761764
470
36
52
200
300
170
0,9
8,0
2,3
A 760760
A 761760
680
36
80
130
200
100
1,4
14,0
4,0
A 760262
A 761262
1000
36
80
95
140
88
2,0
18,0
5,0
A 760763
A 761763
1500
51
81
60
90
60
3,0
20,0
5,6
A 760266
A 761266
2200
51
81
55
83
55
4,0
21,0
5,8
A 760767
A 761767
3300
51
104
50
80
60
6,0
24,0
6,8
A 760768
A 761768
3300
51
144
35
52
35
6,0
25,0
9,5
A 760269
A 761269
4700
51
144
30
45
30
7,0
25,0
10,0
A 760770
A 761770
6800
73
104
23
35
24
7,0
38,0
11,0
A 760771
A 761771
10000
73
144
16
24
17
9,0
53,0
15,0
A 760772
A 761772
15000
77
220
12
18
14
14,0
55,0
22,0
A 760775
A 761775
22000
90
200
9
14
12
16,0
80,0
26,0
A 760778
A 761778
Rated voltage 400 V
220
36
44
550
830
520
1,7
4,5
1,3
A 760803
A 761803
330
36
52
350
520
330
2,0
6,0
1,7
A 760300
A 761300
470
36
60
250
380
240
2,5
7,6
2,2
A 760801
A 761801
680
36
80
200
300
200
3,1
10,0
2,7
A 760802
A 761802
1000
36
104
150
230
150
3,5
13,0
3,6
A 760804
A 761804
1500
51
81
80
120
85
4,0
17,0
4,8
A 760806
A 761806
1800
51
81
75
113
80
4,5
18,0
5,0
A 760807
A 761807
2200
51
81
70
110
80
5,0
18,0
5,2
A 760805
A 761805
2200
51
104
60
105
70
5,0
22,0
6,2
A 760808
A 761808
3300
51
144
40
60
50
6,0
25,0
8,9
A 760809
A 761809
3300
66
104
40
60
40
6,0
28,0
7,9
A 760310
A 761310
4700
73
104
30
45
35
8,0
34,0
10,0
A 760811
A 761811
5600
73
144
22
33
26
8,5
46,0
13,0
A 760812
A 761812
6800
73
144
18
27
22
9,0
50,0
14,0
A 760813
A 761813
8200
77
144
16
24
19
11,0
55,0
16,0
A 760814
A 761814
10000
77
144
15
23
18
12,0
55,0
16,0
A 760816
A 761816
10000
77
220
13
20
16
12,0
55,0
21,0
A 760815
A 761815
10000
90
144
15
22
18
12,0
62,0
18,0
A 760317
A 761317
15000
90
200
11
17
13
13,0
80,0
24,0
A 760318
A 761318
18000
90
200
10
15
12
15,0
80,0
25,0
A 760319
A 761319
FELSIC CAPAX
15 000 h / 85°C
BC - BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com