Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSICCAPAX Datasheet(PDF) 16 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 16 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group FELSICCAPAX Datasheet HTML 12Page - Exxelia Group FELSICCAPAX Datasheet HTML 13Page - Exxelia Group FELSICCAPAX Datasheet HTML 14Page - Exxelia Group FELSICCAPAX Datasheet HTML 15Page - Exxelia Group FELSICCAPAX Datasheet HTML 16Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
14
www.exxelia.com
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
Tel : + 33 (0)2 40 01 26 51
General technical data
2. PACKAGING ON TAPE
2.1. Axial types
Dimensions and tolerance (in mm) in accordance with IEC 60 286-1
(1) On tape only on request
(2) n = number of capacitors per reel.
2.2. ALSIC IR - ALSIC 145
Dimensions and tolerance (in mm) in accordance with IEC 60 286-2.
Fan fold packaging (Ammopack)
Number of capacitors : 1000
Dimensions
D
L max.
B
A
P
C max.
W1
W2 max.
W
n (2)
6,5
8,5 (1)
20
73±1,5 10±1,5
± 2
87,5
93
106
85±1,5
1000
750
10 (1)
12 (1)
14 (1)
32
73±1,5 15±1,5
± 3
87,5
93
106
85±1,5
400
400
200
Dimensions (mm)
Ø
L
H1 max.
W0
P1
H
10
16
46,5
13
3,85
19±1
White positive tape
ƒ: > 20 mm
P: 10 space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com