Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 124Page - STMicroelectronics STM32H742VG Datasheet HTML 125Page - STMicroelectronics STM32H742VG Datasheet HTML 126Page - STMicroelectronics STM32H742VG Datasheet HTML 127Page - STMicroelectronics STM32H742VG Datasheet HTML 128Page - STMicroelectronics STM32H742VG Datasheet HTML 129Page - STMicroelectronics STM32H742VG Datasheet HTML 130Page - STMicroelectronics STM32H742VG Datasheet HTML 131Page - STMicroelectronics STM32H742VG Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
128/357
DS12110 Rev 10
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for STM8AL/AF/S, STM32 MCUs and MPUs” available from the ST website
www.st.com.
Figure 21. Typical application with a 32.768 kHz crystal
1. An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden to add one.
6.3.9
Internal clock source characteristics
The parameters given in Table 46 and Table 49 are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 24: General
operating conditions.
48 MHz high-speed internal RC oscillator (HSI48)
2. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for
STM8AL/AF/S, STM32 MCUs and MPUs”.
3. tSU is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768k Hz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
ai17531c
STM32
OSC32_OUT
fHSE
CL1
RF
32.768 kHz
resonator
Bias
controlled
gain
OSC32_IN
CL2
Resonator with
integrated capacitors
Table 46. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency
VDD=3.3 V, TJ=30 °C 47.5(1)
48
48.5(1) MHz
TRIM(2)
USER trimming step
-
-
0.17
-
%
USER TRIM
COVERAGE(3)
USER TRIMMING Coverage
± 32 steps
-
±5.45
-
%
DuCy(HSI48)(2)
Duty Cycle
-
45
-
55
%
ACCHSI48_REL(3)
Accuracy of the HSI48 oscillator over
temperature (factory calibrated)
VDD=1.62 to 3.6 V,
TJ=-40 to 125 °C
–4.5
-
3.5
%
∆VDD(HSI48)(3)
HSI48 oscillator frequency drift with
VDD(4)
VDD=3 to 3.6 V
-
0.025
0.05
%
VDD=1.62 V to 3.6 V
-
0.05
0.1
tsu(HSI48)(2)
HSI48 oscillator start-up time
-
-
2.1
3.5
µs
IDD(HSI48)(2)
HSI48 oscillator power consumption
-
-
350
400
µA
NT jitter
Next transition jitter
Accumulated jitter on 28 cycles(5)
-
-
± 0.15
-
ns
PT jitter
Paired transition jitter
Accumulated jitter on 56 cycles(5)
-
-
± 0.25
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com