Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 126Page - STMicroelectronics STM32H742VG Datasheet HTML 127Page - STMicroelectronics STM32H742VG Datasheet HTML 128Page - STMicroelectronics STM32H742VG Datasheet HTML 129Page - STMicroelectronics STM32H742VG Datasheet HTML 130Page - STMicroelectronics STM32H742VG Datasheet HTML 131Page - STMicroelectronics STM32H742VG Datasheet HTML 132Page - STMicroelectronics STM32H742VG Datasheet HTML 133Page - STMicroelectronics STM32H742VG Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
130/357
DS12110 Rev 10
Low-speed internal (LSI) RC oscillator
6.3.10
PLL characteristics
The parameters given in Table 50 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 24: General operating conditions.
∆TEMP (CSI)
CSI oscillator frequency drift over
temperature
TJ = 0 to 85 °C
-
−3.7(3)
4.5(3)
%
TJ = −40 to 125 °C
-
−11(3)
7.5(3)
DVDD (CSI)
CSI oscillator frequency drift over
VDD
VDD = 1.62 to 3.6 V
-
−
0.06
0.06
%
tsu(CSI)
CSI oscillator startup time
-
-
1
2
µs
tstab(CSI)
CSI oscillator stabilization time
(to reach ±3% of fCSI)
-
-
4
8
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
23
30
µA
1. Guaranteed by design.
2. Guaranteed by test in production.
3. Guaranteed by characterization.
Table 48. CSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 49. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI(1)
1. Guaranteed by characterization results.
LSI frequency
VDD = 3.3 V, TJ = 25 °C
31.4
32
32.6
kHz
TJ = –40 to 105 °C, VDD =
1.62 to 3.6 V
29.76
-
33.60
tsu(LSI)(2)
2. Guaranteed by design.
LSI oscillator startup time
-
-
80
130
µs
tstab(LSI)(2)
LSI oscillator stabilization
time (5% of final value)
-
-
120
170
IDD(LSI)(2)
LSI oscillator power
consumption
-
-
130
280
nA
Table 50. PLL characteristics (wide VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com