Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H742VG Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32H742VG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742VG Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32H742VG Datasheet HTML 127Page - STMicroelectronics STM32H742VG Datasheet HTML 128Page - STMicroelectronics STM32H742VG Datasheet HTML 129Page - STMicroelectronics STM32H742VG Datasheet HTML 130Page - STMicroelectronics STM32H742VG Datasheet HTML 131Page - STMicroelectronics STM32H742VG Datasheet HTML 132Page - STMicroelectronics STM32H742VG Datasheet HTML 133Page - STMicroelectronics STM32H742VG Datasheet HTML 134Page - STMicroelectronics STM32H742VG Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 357 page
background image
DS12110 Rev 10
131/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev Y)
320
fPLL_P_OUT
PLL multiplier output clock P
VOS1
1.5
-
400(2)
MHz
VOS2
1.5
-
300
VOS3
1.5
-
200
fPLL_Q_OUT
PLL multiplier output clock Q/R
VOS1
1.5
-
400(2)
VOS2
1.5
-
300
VOS3
1.5
-
200
fVCO_OUT
PLL VCO output
-
192
-
836
tLOCK
PLL lock time
Normal mode
-
50(3)
150(3)
µs
Sigma-delta mode
(CKIN
≥ 8 MHz)
-58(3)
166(3)
Jitter
Cycle-to-cycle jitter(4)
VCO = 192 MHz
-
134
-
±ps
VCO = 200 MHz
-
134
-
VCO = 400 MHz
-
76
-
VCO = 800 MHz
-
39
-
Long term jitter
Normal mode
-
±0.7
-
%
Sigma-delta mode
(CKIN = 16 MHz)
-
±0.8
-
IDD(PLL)(3)
PLL power consumption on VDD
VCO freq =
420 MHz
VDDA
-
440
1150
µA
VCORE
-
530
-
VCO freq =
150 MHz
VDDA
-
180
500
VCORE
-
200
-
1. Guaranteed by design unless otherwise specified.
2. This value must be limited to the maximum frequency due to the product limitation (400 MHz for VOS1, 300 MHz for VOS2,
200 MHz for VOS3).
3. Guaranteed by characterization results.
4. Integer mode only.
Table 50. PLL characteristics (wide VCO frequency range)(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 51. PLL characteristics (medium VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
1
-
2
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT
PLL multiplier output clock P, Q,
R
VOS1
1.17
-
210
MHz
VOS2
1.17
-
210
VOS3
1.17
-
200
fVCO_OUT
PLL VCO output
-
150
-
420
MHz
tLOCK
PLL lock time
Normal mode
-
60(2)
100(2)
µs
Sigma-delta mode
forbidden
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com