Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 44Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 45Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 46Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 47Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 48Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 49Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 168 page
background image
開発中
Chapter 2 Features
2-4
Table 2.2.2 System Interface
PIN NAME
I / O
FUNCTION
SysAD(31:0)
I / O
System addres/data bus
A 32-bit address and data bus for communication between the processor and an external agent.
SysCmd(8:0)
I / O
System command/data identifier bus
A 9-bit bus for command and data identifier transmission between the processor and an external
agent.
SysADC(3:0)
I / O
System command/data check bus
A 4-bit bus containing parity check bits for the SysAD bus during data cycle.
SysCmdP
I / O
Reserved for system command/data identifier bus parity
For the TX4955A this signal is unused on input and zero on output.
ValidIn*
I
Valid input
The external agent asserts Validln* when it is driving a calid address or data on the SysAD bus and
valid command or data identifier on the SysCmd bus.
ValidOut*
O
Valid output
The processor asserts ValidOut* when it is driving a valid address or data on the SysAD bus and a
valid command or data identifier on the SysCmd bus.
ExtRqst*
I
External request
An external agent asserts ExtRqst* to request use of the System interface.
Release*
O
Release interface
Signals that the system interface needs to submit an external request.
WrRdy*
I
Write Ready
Signals that an external agent can now accept a processor write request.
RdRdy*
I
Read Ready
Signals that an external agent can now accept a processor read request.
Table 2.2.3 Clock/Control Interface
PIN NAME
I / O
FUNCTION
MasterClock
I
Master clock
Master clock input that establishes the processor operating frequency.
DivMode(1:0)
I
Set the operational frequency of the System interface
DivMode[1:0]
MasterClock
Pclock
00
41.8 MHz/50 MHz
167 MHz/200 MHz
01
66.7 MHz/80 MHz
167 MHz/200 MHz
10
83.5 MHz/100 MHz
167 MHz/200 MHz
11
55.7 MHz/66.7 MHz
167 MHz/200 MHz
TintDis
I
Timer-Interrupt disable input
0 enable Timer-Interrupt (Can not use Int 5*)
1 disable Timer-Interrupt (Can use Int 5*)
HALT/DOZE
O
HALT/DOZE mode output
This signal output the status of HALT or DOZE mode. This signal indicates that the TX4955A is in the
HALT or DOZE mode when this signal is “H”.
PLLReset*
I
PLL reset input
A signal to halt the PLL oscillation or the TX4955A built-in clock generator.
0 PLL is halt (no oscillation)
1 PLL is enabled.
Endian
I
Endianess input
Indicates the initial setting of the endian during a reset.
0 Little Endian
1 Big Endian



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com