Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 168 page
background image
Chapter 5 Cache Organization
5-2
5.2
Cache Organization
This section describes the organization of the on-chip data and instruction caches. Figure
5.2.1 provides a block diagram of the TX4955A cache and memory model.
Main Memory
Cache Controller
I-cache: Instruction cache
D-cache: data cache
D-cache
I-cache
Caches
TX4955A
Figure 5.2.1 TX4955A Cache Support
5.2.1
Cache Sizes
The TX4955A instruction cache is 32 Kbytes; the data cache is 32 Kbytes.
5.2.2
Cache Line Lengths
A cache line is the smallest unit of information that can be fetched from main memory for
the cache, and that is represented by a single tag.(Note)
The line size for the instruction cache is 8 words (32 bytes) and the line size for the data
cache is 8 words (32 bytes).
Note: Cache tags are described in the following sections.
5.2.3
Organization of the Instruction Cache (I-Cache)
Each line of I-cache data (although it is actually an instruction, it is referred to as data to
distinguish it from its tag) has an associated 24-bit tag.
The TX4955A processor I-cache has the following characteristics:
• Cache size: 32 KB
• Four-way set associative
• FIFO replacement
• Indexed with a virtual address
• Checked with a physical tag
• Block (line) size: 8 words (32 bytes)
• Burst refill size: 8 words (32 bytes)
• Lockable on a per-line basis (way1 ∼ way3)
• All valid bits, lock and FIFO bits are cleared by a Reset exception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com