Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 66Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 168 page
background image
Chapter 5 Cache Organization
5-3
5.2.4
Instruction cache address field
Figure 5.2.2 shows the instruction cache address field. When 4-KB page size is in 32 KB
I-cache, the bit 12 of the physical Address and the Virtual Address must be same value.
Cache Tag Index
(8 bits)
35
12
5
4
3
2
0
Physical Tag
(24 bits )
Word
(2 bits)
11
Byte
(3 bits)
Figure 5.2.2 Instruction cache address field
5.2.5
Instruction cache configuration
Each line in the 4 ways of the instruction cache share F1, F0 replacement bits. Figure
5.2.3 shows the format of replacement bits. These bits are shared by way0, way1, way2 and
way3 for 32 KB cache, and indicate next set to which replacement will be directed; when
lock bit is set to 1, indicate this set is not locked.
Each line of instruction cache data has an associated 26-bit tag that contains a 24-bit
physical address, a single Lock bit and a single valid bit, except for the line in way0, which
has an 25-bit tag that excludes a lock bit. Figure 5.2.4 shows the formats of tag and data
pair.
F0:
FIFO replace bit 0
F1:
FIFO replace bit 1
10
F1
F2
Figure 5.2.3 Format of replacement bits
25
0
24 23
0
63
0
63
0
63
0
63
Format for way0
0
24
23
0
63
0
63
0
63
0
63
Format for way1, 2 and 3
V
P Tag
Data
Data
Data
Data
V
P Tag
Data
Data
Data
Data
L
L: Lock bit (1: enable, 0: disable)
V: Valid bit (1: valid, 0: invalid)
PTag: Physical tag (bit 35
∼12 of the physical address)
Data: Instruction cache data
Figure 5.2.4 Format of tag and data pair for I-cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com