Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 85 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 85 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 168 page
background image
Chapter 6 TX4955A System Interface
6-13
returned data is sent if either the data requested by a read response were
returned or if the requested data could not be fetched. In this case, the processor
handles the result as a bus error exception.
Figure 6.2.12 illustrates a situation in which the slave state is autonomously
shifted to after a processor read request is issued.
Note:The timing of the SysADC bus and SysCmdP bus are the same as the timing
of the SysAD bus and SysCmd bus timing, respectively.
Figure 6.2.12 Processor Read Request Protocol
If the Release* signal is asserted, this means that either there is autonomous
shifting to the slave state or there is a response to the ExtRqst* signal assertion. In
this case, the processor can accept either a read response or an external request other
than a read response. If an external request other than a read response is issued, the
processor asserts Release* for 1 cycle, then autonomously shifts to the slave state
again after the external request process.
6.2.8.3
Processor write request protocols
Either of the two following protocols is used in issuing processor write requests.
•
The word write request protocol (see Note below) is used for double word,
partial double word, word or partial word writing.
Note: Words are called to differentiate from the block request protocol. It is
actually possible to transfer data in double word, partial double word, word,
or partial word units.
•
The block write request protocol is used for block write transactions.
The system interface is used in the master state to issue processor double word
write requests. Figure 6.2.13 illustrates processor non-coherent single word write
request cycles.
1. In order to issue a processor single word write request, a write command is sent to
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidOut*
Validln*
78
9
10
11
12
SysCmd Bus
Addr
Read
RdRdy*
WrRdy*
Release*
Master
Slave
2
5
6
3
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com