Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 55Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 56Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 168 page
background image
Chapter 3 Initialization Interface
3-4
3.3
TX4955A
The TX4955A processor supports several user-selectable modes. All modes except DivMode
DivMode
DivMode
DivMode
ratios are set/reset by writing to the
Status and Config registers.
3.3.1
Power Modes (Doze/Halt Mode)
The TX4955A supports three power modes: normal operation, Doze, and Halt. This
section describes these three modes. In TX4955A, there is a terminal showing that the
status is Halt mode or Doze mode state.
Figure 3.3.1 show the status shifts in the operation mode.
Figure 3.3.1 Status Shift Among Normal Operation Mode and Low Power Consumption Modes
•
Normal Operation Mode
Normally the TX4955A processor clock (PClock
PClock
PClock
PClock) operates at a multiple of the
MasterClock
MasterClock
MasterClock
MasterClock speed (as designated by the DivMode
DivMode
DivMode
DivMode setting). The System Interface
Clock (SClock
SClock
SClock
SClock) operates at the same frequency as MasterClock
MasterClock
MasterClock
MasterClock.
•
Doze Mode
The user can specify Doze mode by setting the Halt bit in the Config Register to 1
after excuting a Wait instruction. Consumption power is bigger than later Halt mode so
that a circuit maintaining pipeline status works in Doze mode.
To recover from Doze mode, assert one of the following signal:
Int[5:0]*, NMI*, Reset*, or ColdReset*.
When recovering from Doze mode by asserting a non-enabled Int[5:0]* signal, the
value of the Int Mask field in the Status Register is not affected.
When recovering from Doze mode via the ColdReset* signal, NMI* signal, or an
enabled Int[5:0]* signal, the top instruction of the exception handler corresponding to
the signal is executed. On execution of the top instruction, the EPC points to
instruction following the Wait instruction. When recovering via a non-enabled Int[5:0]*
signal, the processor resumes execution from the instruction following the instruction
used to change to Doze mode.
•
Halt Mode
The user can change to Halt mode by setting the Halt bit in the Config resister to 0
after excuting a Wait instruction.
In Halt mode, operations are suspended with the pipeline state retained.
Even requests for bus mastership are ignored. When an instruction that clears the
HALT bit = 0 and WAIT inst.
HALT bit = 1 and WAIT inst.
Halt Mode
Doze Mode
Normal Operation
Mode
Interrupt or Reset
Interrupt or Reset
Interrupt or Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com