Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 65Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 66Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 67Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 68Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 69Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 168 page
background image
Chapter 5 Cache Organization
5-6
5.3.2
Operation during lock
After the lock bit is set for a line, the line can be replaced only when it’s line state is
invalid. The locked valid line can never be replaced. FIFO bit should point only to the set
of locked invalid line or unlocked line.
A write access to a locked valid line takes place only to the cache not to the memory at
Write Back mode. Both of the cache and the memory are replaced at Write Through mode.
5.3.3
Example of Data cache locking
During the load operation to the locked line of the cache, any interrupt should be
disabled in order to avoid to lock the wrong data.
To lock data cache lines, the following sequence of codes could be used.
.......................
/* Disable the interrupt */
mtc0 t0, TagLo
/* Load data into TagLo reg */
cache 2 (D), offset (base) /* Invalidate and lock line in desired set using
Index_Store_Tag cache instruction */
cache 7 (D), offset (base) /* Fill the cache line from desired memory location */
.......................
/* Enable the interrupt */
5.3.4
Example of Instruction cache locking
To lock instruction cache lines, the following sequence of codes could be used:
.......................
/* Disable the interrupt */
mtc0 t0, TagLo
/* Load data into TagLo reg */
cache 2 (I), offset (base) /* Invalidate and lock line in desired set using
Index_Store_Tag cache instruction */
cache 5 (I), offset (base) /* Fill the cache line from desired memory location */
.......................
/* Enable the interrupt */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com