Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
Chapter 6 TX4955A System Interface
6-19
6.2.8.8
External read request protocol
External read requests are requests that read 1 word of data from
processor-internal resources such as registers. External read requests cannot be
partitioned. Namely, it is not possible to generate other requests between an external
read request and the corresponding read response.
Figure 6.2.19 illustrates the timing of external read requests, which consist of the
following steps.
1. The external agent requests use of the system interface by asserting ExtRqst*.
2. The processor asserts Release* for 1 cycle, then releases the system interface by
deasserting Release* and puts the interface into the slave state.
3. After Release* is deasserted, the SysAD bus and SysCmd bus are set to tri-state
for 1 cycle.
4. The external agent sends a read request command to the SysCmd bus, sends a
read request address to the SysAD bus, and asserts ValidIn* for 1 cycle.
5. After sending the above address and command, the external agent sets the
SysCmd and SysAD busses to tri-state, makes it possible for the processor to drive
them, then releases them both. The processor that accessed the data to be read
returns the data to the external agent. Therefore, the processor sends the data
identifier to the SysCmd bus, sends the response data to the SysAD bus, then
asserts ValidOut* for 1 cycle. This data identifier indicates that data are the
response data of the final data cycle.
6. The system interface is in the master state. The processor continues to drive the
SysCmd bus and SysAD bus even after the read response is returned.
Note: Timing of the SysADC bus and SysCmdP bus is the same as that for the SysAD and
SysCmd busses, respectively.
External read requests can read data from only a single word in the processor. If
data elements other than a word are requested, the processor response is not defined.
Figure 6.2.19 External Read Request when System Interface is in the Master State
Note: The processor contains no resources that can read by way of external read requests.
The processor returns data identifiers with SysCmd(5) of the error data bits set along
with undefined data when it receives an external read request.
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidIn*
ExtRqst*
78
9
10
11
12
SysCmd Bus
Release*
Master
1
5
3
2
Slave
Master
Addr
6
Data0
Read
6
Data0
ValidOut*
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com