Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 89Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 90Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 91Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 168 page
background image
Chapter 6 TX4955A System Interface
6-18
The processor continues processing external requests while ExtRqst* is asserted.
However, until the processor completes a request that is currently being processed, it
will not be able to release the system interface and put it into the slave state in
preparation for the next external request. Also, until ExtRqst* is asserted, a series of
external requests cannot be interrupted by a processor request.
6.2.8.7
External arbitration protocol
As previously mentioned, the ExtRqst* signal and Release* signal are used in
system interface arbitration. Figure 6.2.18 illustrates the timing of the arbitration
protocol when the slave state changes to the master state.
The arbitration cycle sequence is as follows.
1. The external agent asserts ExtRqst* when it becomes necessary to issue external
requests.
2. The processor asserts Release* for 1 cycle when it becomes possible to process an
external request.
3. The processor sets the SysAD bus and SysCmd bus to tri-state.
4. The external agent must start transmission to the SysAD bus and SysCmd bus 2
cycles after Release* is asserted.
5. The external agent deasserts ExtRqst* 2 cycles after Release* is asserted. This
does not apply however to situations where an attempt is made to issue another
external request.
6. The external agent sets the SysAD bus and SysCmd bus to tri-state when
processing of the external request is complete.
The processor becomes able to issue processor requests 1 cycle after the external
agent sets the busses to tri-state.
Note: The SysADC bus and SysCmdP bus timing is the same as that for the SysAD bus
and SysCmd bus, respectively.
Figure 6.2.18 Arbitration Protocol Relating to External Requests
Master
Slave
Master
1
2
345
6
Cycle
Master Clock
SysAD Bus
ValidIn*
WxtRqst*
78
9
10
11
12
SysCmd Bus
Cmd
Release*
1
5
4
3
NEOD
2
Addr
Data0
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com