Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 96Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 97Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 98Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 100Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
Chapter 6 TX4955A System Interface
6-25
6.2.10
System Interface cycle time
In the case of a processor, there is a response time for each kind of processor transaction
and for each external request. A minimum and maximum cycle count has been prescribed
for each response time. Since processor requests themselves are restrained by system
interface request protocols, checking the protocols makes it possible to determine the cycle
count required for requests. The interval for the next interface operation is variable within
the range of the minimum and maximum cycle counts.
•
Stand-by time from when an external request is received and the processor
releases the system interface, until when the interface enters the slave state
(release latency).
•
Response time to external request that requires a response (external response
latency).
6.2.10.1 Release latency
Broadly defined, release latency is the number of cycles for which it is possible to
wait from when the processor receives an external request until when the system
interface is released and shifts to the slave state. If there are no processor requests
currently in progress, the processor must delay release of the system interface for a
few cycles since it is internal operation. Therefore, if release latency is strictly defined,
it becomes the cycle count from when the ExtRqst* signal is asserted until when the
Release* signal is asserted.
There are three types of release latency.
•
Category 1: If external request signal is asserted 2 cycles before the final cycle
of the processor request
•
Category 2: If external request signal is asserted during processor request or
is the final cycle even if it is asserted
•
Category 3: If processor automatically shifts to the slave state
Table 6.2.6 indicates the minimum and maximum release latency inherent to categories
1, 2, and 3. However, note that these cycle counts may be changed at any time.
Table 6.2.6 Release Latency for External Requests
Category
Minimum cycle count
Maximum cycle count
13
5
21
24
30
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com