Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 92Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 93Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 94Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 95Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 96Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 97Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 98Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 99Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
Chapter 6 TX4955A System Interface
6-24
6.2.9
Data Transfer
The maximum data transfer rate of the system interface is 1 double word per cycle.
The external agent can select the data transfer rate to the processor. For example, it is
possible to transfer data and assert the ValidIn* signal just once for every
n cycles instead
of at all cycles. The external agent can transfer data to the processor at the selected
transfer rate.
The processor interprets cycles as being valid when the ValidIn* signal is asserted and
the SysCmd bus includes the data identifier. After a cycle has been interpreted as valid, the
processor continues to accept data until a data word with an indication that it is the final
data word appears.
6.2.9.1
Data transfer pattern
The term “data pattern” in the case of block write operations, refers to a string of
text that indicates the “data” cycles repeated so that the appropriate data transfer
speed can be obtained and the “unused” cycles. Dxx data patterns indicate a repetition
data transfer rate where there is one double word in three cycles followed by two
unused cycles. The data transfer rate is set by G2Sconfig register(0xF FF10 0000).
Table 6.2.5 indicates the data transfer rate, data pattern, and setting.
Table 6.2.5 Data Transfer Rate, Data Pattern and Setting at Block write requests
Maximum Data Transfer Rate
Data Pattern
Setting Bit0
1 double word/3 Master Clock cycle
Dxx
0
1 double word/1 Master Clock cycle
D
1
Note: The setting Bit0 is bit0 of the G2Sconfig register (0xF FF10 0000).
Bit0 is set to “0” when initialized.
6.2.9.2
Independent transfer on SysAD bus
A majority of applications connect the processor and external agent interior (both
directions), and register format transceivers together in a point-to-point manner via
the SysAD bus. The only two SysAD bus drives available for such applications are the
processor and the external agent.
Depending on the application, it may be necessary to make additional connections
on the SysAD bus for drivers and receivers to transfer data using the SysAD bus
without involving the processor. Such transfers are referred to as independent
transfers. In order to perform independent transfers, the external agent must use
arbitration handshake signals and external null requests to properly tune SysAD bus
control.
Independent transfer is performed on the SysAD bus according to the following
steps.
1. The external agent requests access to the SysAD bus in order to issue an external
request.
2. The processor releases the system interface and puts it in the slave state.
3. The external agent can independently transfer data using the SysAD bus.
However, the ValidIn* signal must be asserted during that transfer.
4. When transfer is complete, the external agent must issue a system interface
release null request and return the system interface to the master state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com