Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 87Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 168 page
background image
Chapter 6 TX4955A System Interface
6-12
6.2.8
Processor Request and External Request Protocol
This section explains the bus arbitration protocol for both processor requests and
external requests on a cycle-by-cycle basis. Table 6.2.3 below describes the abbreviations
used in the following timing diagram of the bus.
Table 6.2.3 System Interface Request
Range
Abbreviation
Meaning
Total
Unsd
Unused
Addr
Physical address
SysAD bus
Data<n>
Data number n of the data block
Cmd
Undefined system interface command
Read
Processor or external read request command
Write
Processor or external write request command
SINull
External null request command that releases the
system interface
NData
Non-coherent data identifier for datum other than
the final datum
SysCmd bus
NEOD
Non-coherent data identifier for the final datum
6.2.8.1
Processor request protocol
Processor request protocol is as follows.
•
Read
•
Write
•
Null write
6.2.8.2
Processor read request protocol
The processor read request protocol is as described in the following sequence. The
next step numbers correspond to the numbers in Figure 6.2.12.
1. RdRdy* is asserted to Low by the external agent. This means that the external
agent is ready to accept read requests.
2. When the system interface is in the master state, the read command is
transmitted to the SysCmd bus, then the processor read request is issued by
transmitting the read address to the SysAD bus.
3. At the same time, the processor asserts the ValidOut* signal for one cycle. This
means that valid data are being transmitted to the SysCmd bus and SysAD bus.
4. The processor goes into the slave state by itself either at the issue cycle of a read
request or after the Release* signal is asserted for one cycle and the issue cycle of
the read request is complete.
Note: The external agent must not assert the ExtRqst* signal as a means of
returning a read response. It must however wait to shift to the slave state on its
own. If an external request other than a read response is issued, ExtRqst* can be
asserted either before the read response or in the process of the read response.
5. The SysCmd bus and SysAD bus are released from the processor one cycle after
the Release* signal is asserted.
6. The SysCmd bus and SysAD bus are driven by the external agent within two
cycles after the Release* signal is asserted.
When shifting to the slave state (from Cycle 5 in Figure 6.2.12), the external agent
can return the requested data as a read response. Notification of an error in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com