Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 119 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 119 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 115Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 116Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 117Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 118Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 119Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 120Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 121Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 122Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 123Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 168 page
background image
Chapter 6 TX4955A System Interface
6-47
For 1-to 4-byte writes, a single data cycle is used. 5-, 6- and 7-byte writes are broken up
into two address/data transactions; one 4 bytes in size, the next handling the remaining 1,
2, or 3 bytes.
For all transactions larger than 7 bytes (e.g. 8, 16, 32), 4 bytes are sent on each data cycle
until the appropriate number of bytes has been transferred. The final data cycle is tagged as
end of data (EOD) on the command bus.
To be fully compliant with all implementations of this protocol, an external agent should
be able to receive write data over any number of cycles with any number of idle cycles
between any two data cycles. However, for the TX4955A processor implementation, data
begins to arrive on the cycle immediately following the write issue cycle, and continues to
arrive at a programed data rate thereafter. The processor drives data at the rate specified
by the data rate configuration signals (see the section describing Data Rate Control, later
in this chapter).
Writes may be cancelled and retried with the EOK
EOK
EOK
EOK* signal (see the section earlier,
Issuing Commands).
Figure 6.3.15 illustrates the bus transactions for a 4-word data cache block store.
Data 0
Data
Write
Data
Data
EOD
Data 3
Data 2
Data 1
Addr
812
611
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EOK*
PValid*
PMaster*
Figure 6.3.15 Processor Block Write Request With D Data Rate
Figure 6.3.16 illustrates a write request which is cancelled by the deassertion of EOK
EOK
EOK
EOK*
during the address cycle of the second write, and which is retried when EOK
EOK
EOK
EOK* is asserted
again.
Data 0
Write
Write
Write
EOD
EOD
EOD
Data 1
Data 1
Addr 1
Addr 1
Addr 0
812
611
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EOK*
PValid*
PMaster*
Figure 6.3.16 Processor Single Write Request Followed By A Cancelled And Retried Write Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com