Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 123Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 124Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 125Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 126Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 127Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 128Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 129Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 130Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 168 page
background image
Chapter 6 TX4955A System Interface
6-55
EOD
EOD
EOD
Data
Data
Data
Write
Write
Write
Addr
Addr1
Addr0
8
6
11
10
9
7
5
4
3
2
1
SysAD
SCycle
SClock
SysCmd
EReq*
EValid*
EOK*
PValid*
PMaster*
Figure 6.3.29 Consecutive Processor Write Requests Followed By External Write Request
Block Read Maximum Rate
Maximum block reads can occur with the following data rate:
AxD...DxAxD...D (1 cycle between D and A)
where A
A
A
A is the address, D
D
D
D is data (four words, or DDDD, in the data cache miss, and 8
words, or DDDDDDDD, in an instruction cache miss), and xxxx is an idle cycle.
Back-to-Back Instruction Cache Misses
With a PClock to SClock ratio of 2:1, back-to-back instruction cache misses can be refilled
with the following data rate:
AxDDDDDDDDxxxAxDDDDDDDD (3 cycles between D and A)
That is, the address is followed by an idle cycle, the instruction is executed, three idle
cycles occur, followed by the next address. This pattern is valid for the case in which two
sequential instructions miss in the instruction cache, each instruction residing on a
different cache line.
Running completely in uncached space (every instruction is uncached and a cache miss)
results in a similar data pattern:
AxDxxxAxD (3 cycles between D and A)
Back-to-Back Uncached Loads
With a PClock to SClock ratio of 2:1, back-to-back uncached doubleword loads have the
following data rate:
AxDDxxxAxDD (3 cycles between D and A)
That is, the address is followed by an idle cycle, a doubleword of data, three idle cycles,
and the next address.
Back-to-back uncached word loads have the following data rate:
AxDxxxAxD (3 cycles between D and A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com