Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4955AF Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMPR4955AF
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955AF Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMPR4955AF Datasheet HTML 159Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 161Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 162Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 163Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 164Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 165Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 166Page - Toshiba Semiconductor TMPR4955AF Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 168 page
background image
Appendix A.
A-1
A.
PLL Passive Components
The Phase Locked Loop circuit requires several passive components for proper operation, which
are connected to VccPLL, and VssPLL, as illustrated in Figure A.1.
Figure A.1 PLL Recommended Circuit
Values:
• R = 5 Ω (*1)
• C1 = 1 nF (*1)
• C2 = 82 nF (*1)
• C3 = 10 µF (*1)
• VccInt = 1.5 V ± 0.1 V
The inductors (L) can be used as alternatives to the resistors (R) to filter the power supply.
It is essential to isolate the analog power and ground for the PLL circuit (VccPLL/VssPLL) from
the regular power and ground (VccInt/Vss).
TX4955A
VccInt
VccPLL
PLLCAP
(Reserved)
VssPLL
VSS
C1
C2
C3
R
L
C1, C2, C3, R and L are Board
Components which should be placed
as close as possible to the processor.
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com