Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 56 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 56 Page - ams AG

Back Button AS7341 Datasheet HTML 52Page - ams AG AS7341 Datasheet HTML 53Page - ams AG AS7341 Datasheet HTML 54Page - ams AG AS7341 Datasheet HTML 55Page - ams AG AS7341 Datasheet HTML 56Page - ams AG AS7341 Datasheet HTML 57Page - ams AG AS7341 Datasheet HTML 58Page - ams AG AS7341 Datasheet HTML 59Page - ams AG AS7341 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 55
PERS Register (Address 0xBD)
Figure 86:
PERS Register
Addr: 0xBD
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
0
reserved
3:0
APERS
0
RW
Spectral Interrupt Persistence.
Defines a filter for the number of consecutive
occurrences that spectral data must remain outside
the threshold range between SP_TH_L and
SP_TH_H before an interrupt is generated. The
spectral data channel used for the persistence filter
is set by SP_TH_CHANNEL. Any sample that is
inside the threshold range resets the counter to 0.
VALUE
CHANNEL
0
Every spectral cycle generates an
interrupt
1
1
2
2
3
3
4
5
5
10
…
5 x (APERS
– 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com