Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 39 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 39 Page - ams AG

Back Button AS7341 Datasheet HTML 35Page - ams AG AS7341 Datasheet HTML 36Page - ams AG AS7341 Datasheet HTML 37Page - ams AG AS7341 Datasheet HTML 38Page - ams AG AS7341 Datasheet HTML 39Page - ams AG AS7341 Datasheet HTML 40Page - ams AG AS7341 Datasheet HTML 41Page - ams AG AS7341 Datasheet HTML 42Page - ams AG AS7341 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 38
Addr: 0xB3
CFG10
Bit
Bit Name
Default
Access
Bit Description
VALUE
SIGNAL
0
50%
1
62.5%
2
75%
3
87.5%
5:4
AGC_L
3
RW
AGC Low Hysteresis.
Sets the data threshold at which AGAIN is increased
when spectral AGC mode is enabled. The threshold
is automatically calculated internally as a percentage
of full-scale. Note that full-scale is equal to (ATIME +
1) x (ASTEP + 1).
VALUE
SIGNAL
0
12.5%
1
25%
2
37.5%
3
50%
3
reserved
0
reserved
2:0
FD_PERS
2
RW
Flicker Detect Persistence.
Sets the number of consecutive flicker detect results
that must be different before the flicker detect status
will be changed. Flicker detection interrupts on SINT
are affected by this setting. Flicker detect
persistence is equal to
2(������������������������������������−1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com