Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 57 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 57 Page - ams AG

Back Button AS7341 Datasheet HTML 53Page - ams AG AS7341 Datasheet HTML 54Page - ams AG AS7341 Datasheet HTML 55Page - ams AG AS7341 Datasheet HTML 56Page - ams AG AS7341 Datasheet HTML 57Page - ams AG AS7341 Datasheet HTML 58Page - ams AG AS7341 Datasheet HTML 59Page - ams AG AS7341 Datasheet HTML 60Page - ams AG AS7341 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 56
10.2.9
FIFO Buffer Data and Status
The FIFO buffer is used to poll spectral data with fewer I²C read and write transactions. The FIFO
buffer is 256 bytes of RAM containing 128 two-byte datasets. If the FIFO overflows (i.e. 129 datasets
before host reads data from the FIFO buffer), an overflow flag will be set and new data will be lost.
The Host acquires data by reading addresses: 0xFE
– 0xFF. The register address pointer
automatically wraps from 0xFF to 0xFE as data are read. Data can be read one byte at a time or in
blocks, (there is no block-read length limit). When reading single bytes, the internal FIFO read pointer
and the FIFO Buffer Level, FIFO_LVL, are updated each time register 0xFF is read. For block-reads,
the internal FIFO read pointer and the FIFO Buffer Level, FIFO_LVL update for each two-byte entry. If
the FIFO continues to be accessed after FIFO_LVL = 0, the device will return 0 for all data. The FINT
interrupt indicates when there is valid data in the FIFO buffer. The amount of unread data is indicated
by the FIFO_LVL.
FIFO_MAP Register (Address 0xFC)
Figure 87:
FIFO_MAP Register
Addr: 0xFC
FIFO_MAP
Bit
Bit Name
Default
Access
Bit Description
7
reserved
0
reserved
6
FIFO_WRITE_CH5_DATA
0
RW
FIFO write CH5 Data.
If set, CH5 data is written to the FIFO Buffer. (two
bytes per sample)
Note: If flicker detection is enabled, this bit is
ignored. Refer to register 0xD7 for FDEN=”1”.
5
FIFO_WRITE_CH4_DATA
0
RW
FIFO write CH4 Data.
If set, CH4 data is written to the FIFO Buffer. (two
bytes per sample)
4
FIFO_WRITE_CH3_DATA
0
RW
FIFO write CH3 Data.
If set, CH3 data is written to the FIFO Buffer. (two
bytes per sample)
3
FIFO_WRITE_CH2_DATA
0
RW
FIFO write CH2 Data.
If set, CH2 data is written to the FIFO Buffer. (two
bytes per sample)
2
FIFO_WRITE_CH1_DATA
0
RW
FIFO write CH1 Data.
If set, CH1 data is written to the FIFO Buffer. (two
bytes per sample)
1
FIFO_WRITE_CH0_DATA
0
RW
FIFO write CH0 Data.
If set, CH0 data is written to the FIFO Buffer. (two
bytes per sample)
0
FIFO_WRITE_ASTATUS
0
RW
FIFO write Status.
If set, ASTATUS (one byte per sample) is written
to the FIFO Buffer.
In case SP_AGC_ENABLE = 1, ASTATUS should
be written to FIFO buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com