Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 40 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 40 Page - ams AG

Back Button AS7341 Datasheet HTML 36Page - ams AG AS7341 Datasheet HTML 37Page - ams AG AS7341 Datasheet HTML 38Page - ams AG AS7341 Datasheet HTML 39Page - ams AG AS7341 Datasheet HTML 40Page - ams AG AS7341 Datasheet HTML 41Page - ams AG AS7341 Datasheet HTML 42Page - ams AG AS7341 Datasheet HTML 43Page - ams AG AS7341 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 39
AZ_CONFIG Register (Address 0xD6)
The following register configures how often the spectral engine offsets are reset (auto zero) to
compensate for changes of the device temperature. The typical time auto zero needs to be completed
is 15ms.
Figure 51:
AZ_CONFIG Register
Addr: 0xD6
AZ_CONFIG
Bit
Bit Name
Default
Access
Bit Description
7:0
AZ_NTH_ITERATION
255
RW
AUTOZERO FREQUENCY.
Sets the frequency at which the device performs auto
zero of the spectral engines.
Note: If FD
EN = “1” auto zero is also done for ADC 5.
The flicker detection measurement will be interrupted
and restarted in this case.
VALUE
AUTOZERO FREQUENCY
0
Never (not recommended)
1
Every integration cycle
2
Every 2 cycles
…
Every
“AZ_NTH_ITERATION” cycle
254
Every 254 cycles
255
Only before first measurement cycle
AGC_GAIN_MAX Register (Address 0xCF)
Figure 52:
AGC_GAIN_MAX Register
Addr: 0xCF
AGC_GAIN_MAX
Bit
Bit Name
Default
Access
Bit Description
7:4
AGC_FD_GAIN_MAX
9
RW
Flicker Detection AGC Gain Max.
Sets the maximum gain for flicker detection to
2������������������_������������_������������������������_������������������
Default value is 9 (256x). The range can be set from
0 (0.5x) to 10 (512x).
3:0
AGC_AGAIN_MAX
9
RW
AGC Gain Max.
Sets the maximum gain for AGC engine to
2������������������_������������_������������������������_������������������
Default value is 9 (256x). The range can be set from
0 (0.5x) to 10 (512x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com