Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 55 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 55 Page - ams AG

Back Button AS7341 Datasheet HTML 51Page - ams AG AS7341 Datasheet HTML 52Page - ams AG AS7341 Datasheet HTML 53Page - ams AG AS7341 Datasheet HTML 54Page - ams AG AS7341 Datasheet HTML 55Page - ams AG AS7341 Datasheet HTML 56Page - ams AG AS7341 Datasheet HTML 57Page - ams AG AS7341 Datasheet HTML 58Page - ams AG AS7341 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 54
CFG6 Register (Address 0xAF)
Figure 84:
CFG 6 Register
Addr: 0xAF
CFG6
Bit
Bit Name
Default
Access
Bit Description
4:3
SMUX_CMD
2
RW
SMUX command.
Selects the SMUX command to execute when
setting SMUXEN gets set. Do not change during
ongoing SMUX operation.
VALUE
SMUX_CMD
0
ROM code initialization of SMUX
1
Read SMUX configuration to RAM
from SMUX chain
2
Write SMUX configuration from
RAM to SMUX chain
3
Reserved, do not use
CFG9 Register (Address 0xB2)
Figure 85:
CFG 9 Register
Addr: 0xB2
CFG9
Bit
Bit Name
Default
Access
Bit Description
7
reserved
0
reserved
6
SIEN_FD
0
RW
System Interrupt Flicker Detection.
Enables system interrupt when flicker detection
status change has occurred.
5
reserved
reserved
4
SIEN_SMUX
0
RW
System Interrupt SMUX Operation.
Enables system interrupt when SMUX command has
finished
3:0
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com