Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 67 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 67 Page - ams AG

Back Button AS7341 Datasheet HTML 61Page - ams AG AS7341 Datasheet HTML 62Page - ams AG AS7341 Datasheet HTML 63Page - ams AG AS7341 Datasheet HTML 64Page - ams AG AS7341 Datasheet HTML 65Page - ams AG AS7341 Datasheet HTML 66Page - ams AG AS7341 Datasheet HTML 67Page - ams AG AS7341 Datasheet HTML 68Page - ams AG AS7341 Datasheet HTML 69Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
Document Feedback
AS7341
Soldering & Storage Information
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 66
14.1
Storage Information
14.1.1
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the
release and vaporization of moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of absorbed moisture possible, each device is
baked prior to being dry packed for shipping. Devices are dry packed in a sealed aluminized envelope
called a moisture-barrier bag with silica gel to protect them from ambient moisture during shipping,
handling, and storage before use.
14.1.2
Shelf Life
The calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date
code on the bag when stored under the following conditions:
●
Shelf Life: 12 months
●
Ambient Temperature: <40°C
●
Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed the 12 month shelf life or the Humidity
Indicator Card shows that the devices were exposed to conditions beyond the allowable moisture
region.
14.1.3
Floor Life
The module has been assigned a moisture sensitivity level of MSL 3. As a result, the floor life of
devices removed from the moisture barrier bag is 168 hours from the time the bag was opened,
provided that the devices are stored under the following conditions:
●
Floor Life: 168 hours
●
Ambient Temperature: <30°C
●
Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have been exceeded, the devices must be
rebaked prior to solder reflow or dry packing.
14.1.4
Rebaking Instructions
When the shelf life or floor life limits have been exceeded, rebake at 50°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com