Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 12 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 12 Page - ams AG

Back Button AS7341 Datasheet HTML 8Page - ams AG AS7341 Datasheet HTML 9Page - ams AG AS7341 Datasheet HTML 10Page - ams AG AS7341 Datasheet HTML 11Page - ams AG AS7341 Datasheet HTML 12Page - ams AG AS7341 Datasheet HTML 13Page - ams AG AS7341 Datasheet HTML 14Page - ams AG AS7341 Datasheet HTML 15Page - ams AG AS7341 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Document Feedback
AS7341
Optical Characteristics
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 11
Figure 10:
Optical Characteristics of Channel F3, AGAIN: 64x, Integration Time: 27.8ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F3
Irradiance responsivity
channel F3(2)
LED: warm white 2700K(3)
Ee = 107.67
μW/cm2
210
counts
λp
Center wavelength(1)
470
480
490
nm
FWHM
Full width half maximum(1)
36
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341: ED1-C50
(3)
Refer to Figure 16:
Typical LED Spectra Used in Final Test of AS7341
Figure 11:
Optical Characteristics of Channel F4, AGAIN: 64x, Integration Time: 27.8ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F4
Irradiance responsivity
channel F4(2)
LED: warm white 2700K(3)
Ee = 107.67
μW/cm2
390
counts
λp
Center wavelength(1)
505
515
525
nm
FWHM
Full width half
maximum(1)
39
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341: ED1-C50
(3)
Refer to Figure 16:
Typical LED Spectra Used in Final Test of AS7341
Figure 12:
Optical Characteristics of Channel F5, AGAIN: 64x, Integration Time: 27.8ms
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_F5
Irradiance Responsivity
channel F5(2)
LED: warm white 2700K(3)
Ee = 107.67
μW/cm2
590
counts
λp
Center wavelength(1)
545
555
565
nm
FWHM
Full width half maximum(1)
39
nm
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light
(2)
The following diffuser is used in final test on top of AS7341: ED1-C50
(3)
Refer to Figure 16:
Typical LED Spectra Used in Final Test of AS7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com