Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 36 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 36 Page - ams AG

Back Button AS7341 Datasheet HTML 32Page - ams AG AS7341 Datasheet HTML 33Page - ams AG AS7341 Datasheet HTML 34Page - ams AG AS7341 Datasheet HTML 35Page - ams AG AS7341 Datasheet HTML 36Page - ams AG AS7341 Datasheet HTML 37Page - ams AG AS7341 Datasheet HTML 38Page - ams AG AS7341 Datasheet HTML 39Page - ams AG AS7341 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 35
EDGE Register (Address 0x72)
Figure 46:
EDGE Register
Addr: 0x72
EDGE
Bit
Bit Name
Default
Access
Bit Description
7:0
SYNC_EDGE
0
RW
Number of falling SYNC-edges between start and
stop of integration in mode SYND
Number of edges = SYNC_EDGE + 1
FD_TIME Register (Address 0xD8, 0xDA)
The register FD Time 1 and FD Time 2 can be used to configure the integration time and gain (ADC 5)
of the flicker detection independently from the other ADCs. The FD_TIME register is an 11-bit register
with the MSB in register 0xDA (bit 10:8) and the LSB in register 0xD8 (bit 7:0). The bit FDEN (register
0x80) must be set to “1” in order to use the FD_TIME registers. If the bit FDEN is not set, ADC5 runs
automatically with the same gain and integration time as ADC0 to ADC4.
Equation 4: Calculating the flicker detection integration time
������������������������_������������ = ������������_������������������������ × 2.78µ������
Figure 47:
FD Time Register
Addr: 0xD8
FD_TIME_1
Bit
Bit Name
Default
Access
Bit Description
7:0
FD_TIME [7:0]
0
RW
LSB of flicker detection integration time
Note: must not be changed during FDEN = 1 and
PON = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com