Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 35 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 35 Page - ams AG

Back Button AS7341 Datasheet HTML 31Page - ams AG AS7341 Datasheet HTML 32Page - ams AG AS7341 Datasheet HTML 33Page - ams AG AS7341 Datasheet HTML 34Page - ams AG AS7341 Datasheet HTML 35Page - ams AG AS7341 Datasheet HTML 36Page - ams AG AS7341 Datasheet HTML 37Page - ams AG AS7341 Datasheet HTML 38Page - ams AG AS7341 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 34
ITIME Register (Address 0x63, 0x64, 0x65)
The register ITIME can be used to read-out the actual integration time in INT
_MODE = “11” (SYND).
In SYND mode the integration time is defined by the register “EDGE” and the device is running
integration until the number of falling edges on pin GPIO is reached.
Equation 3: Calculating the integration time in SYND mode
������������������������ = ������������������������������ × 2.78µ������
Figure 43:
ITIME_L Register
Addr: 0x63
ITIME_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ITIME_L
0
R
Integration time in integration mode SYND
Figure 44:
ITIME_M Register
Addr: 0x64
ITIME_M
Bit
Bit Name
Default
Access
Bit Description
15:8
ITIME_M
0
R
Integration time in integration mode SYND
Figure 45:
ITIME_H Register
Addr: 0x65
ITIME_H
Bit
Bit Name
Default
Access
Bit Description
23:16
ITIME_H
0
R
Integration time in integration mode SYND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com