Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341 Datasheet(PDF) 43 Page - ams AG

Part # AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7341 Datasheet(HTML) 43 Page - ams AG

Back Button AS7341 Datasheet HTML 39Page - ams AG AS7341 Datasheet HTML 40Page - ams AG AS7341 Datasheet HTML 41Page - ams AG AS7341 Datasheet HTML 42Page - ams AG AS7341 Datasheet HTML 43Page - ams AG AS7341 Datasheet HTML 44Page - ams AG AS7341 Datasheet HTML 45Page - ams AG AS7341 Datasheet HTML 46Page - ams AG AS7341 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 42
SP_TH_L_MSB Register (Address 0x85)
Figure 58:
SP_TH_L_MSB Register
Addr: 0x85
SP_TH_L_MSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_L_MSB
0x00
RW
Spectral low threshold MSB
This register provides the high byte of the low
interrupt threshold (CH0).
Both SP_TH_L registers are combined to a 16-bit
threshold. If the value captured by channel 0 is
below the low threshold and the APERS value is
reached the bit SP_IEN is set and an interrupt is
generated.
There is an 8-bit data latch implemented that stores
the written low byte until the high byte is written.
Both bytes will be applied at the same time to avoid
an invalid threshold.
Note: The LSB register cannot be changed without
writing to the MSB register. It is recommended to
write to SP_TH_L_LSB and SP_TH_L_MSB within
one I2C command.
SP_TH_H_LSB Register (Address 0x86)
Figure 59:
SP_TH_H_LSB Register
Addr: 0x86
SP_TH_H_LSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_H_LSB
0x00
RW
Spectral high threshold LSB
This register provides the low byte of the high
interrupt threshold (CH0).
SP _TH_H_MSB Register (Address 0x87)
Figure 60:
SP _TH_H_MSB Register
Addr: 0x87
SP _TH_H_MSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_H_MSB
0x00
RW
Spectral high threshold MSB
This register provides the high byte of the high
interrupt threshold (CH0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com