Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 28Page - Analog Devices ADV7340EBZ Datasheet HTML 29Page - Analog Devices ADV7340EBZ Datasheet HTML 30Page - Analog Devices ADV7340EBZ Datasheet HTML 31Page - Analog Devices ADV7340EBZ Datasheet HTML 32Page - Analog Devices ADV7340EBZ Datasheet HTML 33Page - Analog Devices ADV7340EBZ Datasheet HTML 34Page - Analog Devices ADV7340EBZ Datasheet HTML 35Page - Analog Devices ADV7340EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 32 of 88
Table 18. Register 0x30
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Note
Value
0
0
EIA770.2 output.
EIA770.3 output.
ED
HD
0x00
0
1
EIA770.1 output.
1
0
Output levels for full
input range.
ED/HD Output
Standard.
1
1
Reserved.
0
External HSYNC, VSYNC
and field inputs.1
ED/HD Input
Synchronization
Format.
1
Embedded EAV/SAV
codes.
0
0
0
0
0
SMPTE 293M,
ITU-BT.1358.
525p @ 59.94 Hz
0
0
0
0
1
Nonstandard timing mode.
0
0
0
1
0
BTA-1004, ITU-BT.1362.
525p @ 59.94 Hz
0
0
0
1
1
ITU-BT.1358.
625p @ 50 Hz
0
0
1
0
0
ITU-BT.1362.
625p @ 50 Hz
0
0
1
0
1
SMPTE 296M-1,
SMPTE 274M-2.
720p @ 60/59.94 Hz
0
0
1
1
0
SMPTE 296M-3.
720p @ 50 Hz
0
0
1
1
1
SMPTE 296M-4,
SMPTE 274M-5.
720p @ 30/29.97 Hz
0
1
0
0
0
SMPTE 296M-6.
720p @ 25 Hz
0
1
0
0
1
SMPTE 296M-7,
SMPTE 296M-8.
720p @ 24/23.98 Hz
0
1
0
1
0
SMPTE 240M.
1035i @ 60/59.94 Hz
0
1
0
1
1
Reserved.
0
1
1
0
0
Reserved.
0
1
1
0
1
SMPTE 274M-4,
SMPTE 274M-5.
1080i @ 30/29.97 Hz
0
1
1
1
0
SMPTE 274M-6.
1080i @ 25 Hz
0
1
1
1
1
SMPTE 274M-7,
SMPTE 274M-8.
1080p @ 0/29.97 Hz
1
0
0
0
0
SMPTE 274M-9.
1080p @ 25 Hz
1
0
0
0
1
SMPTE 274M-10,
SMPTE 274M-11.
1080p @ 4/23.98 Hz
1
0
0
1
0
ITU-R BT.709-5.
1080Psf @ 24 Hz
0x30
ED/HD Mode
Register 1
ED/HD Input Mode.
10011–11111
Reserved.
1 Synchronization can be controlled with a combination of either HSYNC and VSYNC inputs or HSYNC and field inputs, depending on Subaddress 0x34, Bit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com