Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 88 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 80Page - Analog Devices ADV7340EBZ Datasheet HTML 81Page - Analog Devices ADV7340EBZ Datasheet HTML 82Page - Analog Devices ADV7340EBZ Datasheet HTML 83Page - Analog Devices ADV7340EBZ Datasheet HTML 84Page - Analog Devices ADV7340EBZ Datasheet HTML 85Page - Analog Devices ADV7340EBZ Datasheet HTML 86Page - Analog Devices ADV7340EBZ Datasheet HTML 87Page - Analog Devices ADV7340EBZ Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 88 of 88
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 140. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Macrovision1
Antitaping
Package Description
Package Option
ADV7340BSTZ 2
−40°C to +85°C
Yes
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADV7341BSTZ 2
−40°C to +85°C
No
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
EVAL-ADV7340EBZ2
Yes
ADV7340 Evaluation Platform
EVAL-ADV7341EBZ2
No
ADV7341 Evaluation Platform
1 Macrovision-enabled ICs require the buyer to be an approved licensee (authorized buyer) of ICs that are able to output Macrovision Rev 7.1.L1-compliant video.
2 Z = Pb-free part.
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06398-0-10/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com