Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 15Page - Analog Devices ADV7340EBZ Datasheet HTML 16Page - Analog Devices ADV7340EBZ Datasheet HTML 17Page - Analog Devices ADV7340EBZ Datasheet HTML 18Page - Analog Devices ADV7340EBZ Datasheet HTML 19Page - Analog Devices ADV7340EBZ Datasheet HTML 20Page - Analog Devices ADV7340EBZ Datasheet HTML 21Page - Analog Devices ADV7340EBZ Datasheet HTML 22Page - Analog Devices ADV7340EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 19 of 88
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
RSET1
46
VREF
45
COMP1
42
DAC 3
43
DAC 2
44
DAC 1
48
SFL/MISO
41
VAA
40
AGND
39
DAC 4
37
DAC 6
36
RSET2
35
COMP2
34
PVDD
33
EXT_LF1
38
DAC 5
2
Y0
3
Y1
4
Y2
7
Y5
6
Y4
5
Y3
1
VDD_IO
8
Y6
9
Y7
10
VDD
12
Y8
13
Y9
14
C0
15
C1
16
C2
11
DGND
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
ADV7340/ADV7341
TOP VIEW
(Not to Scale)
Figure 21. Pin Configuration
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Description
13, 12,
9 to 2
Y9 to Y0
I
10-Bit Pixel Port (Y9 to Y0). Y0 is the LSB. Refer to Table 31 for input modes.
29 to 25,
18 to 14
C9 to C0
I
10-Bit Pixel Port (C9 to C0). C0 is the LSB. Refer to Table 31 for input modes.
62 to 58,
55 to 51
S9 to S0
I
10-Bit Pixel Port (S9 to S0). S0 is the LSB. Refer to Table 31 for input modes.
30
CLKIN_A
I
Pixel Clock Input for HD Only (74.25 MHz), ED1 Only (27 MHz or 54 MHz), or SD Only (27 MHz).
63
CLKIN_B
I
Pixel Clock Input for Dual Modes Only. Requires a 27 MHz reference clock for ED operation or a
74.25 MHz reference clock for HD operation.
50
S_HSYNC
I/O
SD Horizontal Synchronization Signal. This pin can also be configured to output an SD, ED, or HD
horizontal synchronization signal. See the External Horizontal and Vertical Synchronization
Control section.
49
S_VSYNC
I/O
SD Vertical Synchronization Signal. This pin can also be configured to output an SD, ED, or HD
vertical synchronization signal. See the External Horizontal and Vertical Synchronization Control
section.
22
P_HSYNC
I
ED/HD Horizontal Synchronization Signal. See the External Horizontal and Vertical
Synchronization Control section.
23
P_VSYNC
I
ED/HD Vertical Synchronization Signal. See the External Horizontal and Vertical Synchronization
Control section.
24
P_BLANK
I
ED/HD Blanking Signal. See the External Horizontal and Vertical Synchronization Control section.
48
SFL/MISO
I/O
Multifunctional Pin: Subcarrier Frequency Lock (SFL) Input/SPI Data Output. The SFL input is
used to drive the color subcarrier DDS system, timing reset, or subcarrier reset.
47
RSET1
I
This pin is used to control the amplitudes of the DAC 1, DAC 2, and DAC 3 outputs. For full-drive
operation (for example, into a 37.5 Ω load), a 510 Ω resistor must be connected from RSET1 to
AGND. For low drive operation (for example, into a 300 Ω load), a 4.12 kΩ resistor must be
connected from RSET1 to AGND.
36
RSET2
I
This pin is used to control the amplitudes of the DAC 4, DAC 5, and DAC 6 outputs. A 4.12 kΩ
resistor must be connected from RSET2 to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com