Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 35Page - Analog Devices ADV7340EBZ Datasheet HTML 36Page - Analog Devices ADV7340EBZ Datasheet HTML 37Page - Analog Devices ADV7340EBZ Datasheet HTML 38Page - Analog Devices ADV7340EBZ Datasheet HTML 39Page - Analog Devices ADV7340EBZ Datasheet HTML 40Page - Analog Devices ADV7340EBZ Datasheet HTML 41Page - Analog Devices ADV7340EBZ Datasheet HTML 42Page - Analog Devices ADV7340EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 39 of 88
Table 26. Register 0x84 to Register 0x89
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Disabled.
0x00
SD VSYNC-3H.
1
VSYNC = 2.5 lines (PAL),
VSYNC = 3 lines (NTSC).
0
0
Disabled.
0
1
Subcarrier phase reset mode enabled.
1
0
Timing reset mode enabled.
SD SFL/SCR/TR Mode Select.
1
1
SFL mode enabled.
0
720 pixels.
SD Active Video Length.
1
710 (NTSC), 702 (PAL).
0
Chroma enabled.
SD Chroma.
1
Chroma disabled.
0
Enabled.
SD Burst.
1
Disabled.
0
Disabled.
SD Color Bars.
1
Enabled.
0
DAC 2 = luma, DAC 3 = chroma.
0x84
SD Mode
Register 4
SD Luma/Chroma Swap.
1
DAC 2 = chroma, DAC 3 = luma.
0
0
5.17 μs.
0x02
0
1
5.31 μs.
1
0
5.59 μs (must be set for Macrovision
compliance).
NTSC Color Subcarrier Adjust (Delay
from the falling edge of output
HSYNC pulse to start of color burst).
1
1
Reserved.
Reserved.
0
0
Disabled.
SD EIA/CEA-861B Synchronization
Compliance.
1
Enabled.
Reserved.
0
0
0
Update field/line counter.
SD Horizontal/Vertical Counter
Mode.1
1
Field/line counter free running.
0
Normal.
0x86
SD Mode
Register 5
SD RGB Color Swap.
1
Color reversal enabled.
0
Disabled.
0x00
SD PrPb Scale.
1
Enabled.
0
Disabled.
SD Y Scale.
1
Enabled.
0
Disabled.
SD Hue Adjust.
1
Enabled.
0
Disabled.
SD Brightness.
1
Enabled.
0
Disabled.
SD Luma SSAF Gain.
1
Enabled.
0
Disabled.
SD Input Standard Auto Detect.
1
Enabled.
Reserved.
0
0 must be written to this bit.
0
SD YCrCb input.
0x87
SD Mode
Register 6
SD RGB Input Enable.
1
SD RGB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com