Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 17Page - Analog Devices ADV7340EBZ Datasheet HTML 18Page - Analog Devices ADV7340EBZ Datasheet HTML 19Page - Analog Devices ADV7340EBZ Datasheet HTML 20Page - Analog Devices ADV7340EBZ Datasheet HTML 21Page - Analog Devices ADV7340EBZ Datasheet HTML 22Page - Analog Devices ADV7340EBZ Datasheet HTML 23Page - Analog Devices ADV7340EBZ Datasheet HTML 24Page - Analog Devices ADV7340EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 21 of 88
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
EDPr/Pb RESPONSE. LINEAR INTERP FROM 4:2:2 TO 4:4:4
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 22. ED 8× Oversampling, PrPb Filter (Linear) Response
FREQUENCY (MHz)
EDPr/Pb RESPONSE. SSAF INTERP FROM 4:2:2 TO 4:4:4
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 23. ED 8× Oversampling, PrPb Filter (SSAF) Response
FREQUENCY (MHz)
Y RESPONSE IN ED 8× OVERSAMPLING MODE
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 24. ED 8× Oversampling, Y Filter Response
FREQUENCY (MHz)
Y RESPONSE IN ED 8× OVERSAMPLING MODE
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–3.0
12
2468
10
0
Figure 25. ED 8× Oversampling, Y Filter Response (Focus on Pass Band)
FREQUENCY (MHz)
HD Pr/Pb RESPONSE. SSAF INTERP FROM 4:2:2 TO 4:4:4
10
0
–70
–60
–50
–40
–30
–20
–10
–100
–80
–90
148.0
18.5
37.0
55.5
74.0
92.5
111.0
129.5
0
Figure 26. HD 4× Oversampling, PrPb (SSAF) Filter Response (4:2:2 Input)
HD Pr/Pb RESPONSE. 4:4:4 INPUT MODE
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Figure 27. HD 4× Oversampling, PrPb (SSAF) Filter Response (4:4:4 Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com