Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 71 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 71 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 67Page - Analog Devices ADV7340EBZ Datasheet HTML 68Page - Analog Devices ADV7340EBZ Datasheet HTML 69Page - Analog Devices ADV7340EBZ Datasheet HTML 70Page - Analog Devices ADV7340EBZ Datasheet HTML 71Page - Analog Devices ADV7340EBZ Datasheet HTML 72Page - Analog Devices ADV7340EBZ Datasheet HTML 73Page - Analog Devices ADV7340EBZ Datasheet HTML 74Page - Analog Devices ADV7340EBZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 71 of 88
CRC SEQUENCE
REF
0 IRE
–40 IRE
+70 IRE
+100 IRE
11.2µs
2.235µs ± 20ns
49.1µs ± 0.5µs
C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19
Figure 91. Standard Definition CGMS Waveform
C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12
CRC SEQUENCE
REF
5.8µs ± 0.15µs
6T
0mV
–300mV
70% ± 10%
T = 1/(
fH × 33) = 963ns
fH = HORIZONTAL SCAN FREQUENCY
T ± 30ns
+700mV
21.2µs ± 0.22µs
22T
C13 C14 C15 C16 C17 C18 C19
BIT 1 BIT 2
BIT 20
Figure 92. Enhanced Definition (525p) CGMS Waveform
R
S
C0
LSB
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10 C11 C12
C13
MSB
PEAK WHITE
SYNC LEVEL
500mV ± 25mV
5.5µs ± 0.125µs
R = RUN-IN
S = START CODE
13.7µs
Figure 93. Enhanced Definition (625p) CGMS Waveform
CRC SEQUENCE
REF
4T
3.128µs ± 90ns
17.2µs ± 160ns
22T
T = 1/(
fH × 1650/58) = 781.93ns
fH = HORIZONTAL SCAN FREQUENCY
1H
T ± 30ns
0mV
–300mV
70% ± 10%
+700mV
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19
BIT 1 BIT 2
BIT 20
Figure 94. High Definition (720p) CGMS Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com