Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 31Page - Analog Devices ADV7340EBZ Datasheet HTML 32Page - Analog Devices ADV7340EBZ Datasheet HTML 33Page - Analog Devices ADV7340EBZ Datasheet HTML 34Page - Analog Devices ADV7340EBZ Datasheet HTML 35Page - Analog Devices ADV7340EBZ Datasheet HTML 36Page - Analog Devices ADV7340EBZ Datasheet HTML 37Page - Analog Devices ADV7340EBZ Datasheet HTML 38Page - Analog Devices ADV7340EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 35 of 88
Table 21. Register 0x36 to Register 0x43
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x36
ED/HD Y Level1
ED/HD Test Pattern Y Level.
x
x
x
x
x
x
x
x
Y level value
0xA0
0x37
ED/HD Cr Level1
ED/HD Test Pattern Cr Level.
x
x
x
x
x
x
x
x
Cr level value
0x80
0x38
ED/HD Cb Level1
ED/HD Test Pattern Cb Level.
x
x
x
x
x
x
x
x
Cb level value
0x80
Reserved.
0
0
0
0
0
0x00
0
Disabled
ED/HD EIA/CEA-861B
Synchronization Compliance.
1
Enabled
0x39
ED/HD Mode
Register 7
Reserved.
0
0
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
ED/HD Sharpness Filter Gain,
Value A.
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x40
ED/HD Sharpness
Filter Gain
ED/HD Sharpness Filter Gain,
Value B.
1
1
1
1
Gain B = −1
0x41
ED/HD CGMS
Data 0
ED/HD CGMS Data Bits.
0
0
0
0
C19
C18
C17
C16
CGMS C19 to C16
0x00
0x42
ED/HD CGMS
Data 1
ED/HD CGMS Data Bits.
C15
C14
C13
C12
C11
C10
C9
C8
CGMS C15 to C8
0x00
0x43
ED/HD CGMS
Data 2
ED/HD CGMS Data Bits.
C7
C6
C5
C4
C3
C2
C1
C0
CGMS C7 to C0
0x00
1 For use with ED/HD internal test patterns only (Subaddress 0x31, Bit 2 = 1).
Table 22. Register 0x44 to Register 0x57
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0x44
ED/HD Gamma A0
ED/HD Gamma Curve A (Point 24).
x
x
x
x
x
x
x
x
A0
0x00
0x45
ED/HD Gamma A1
ED/HD Gamma Curve A (Point 32).
x
x
x
x
x
x
x
x
A1
0x00
0x46
ED/HD Gamma A2
ED/HD Gamma Curve A (Point 48).
x
x
x
x
x
x
x
x
A2
0x00
0x47
ED/HD Gamma A3
ED/HD Gamma Curve A (Point 64).
x
x
x
x
x
x
x
x
A3
0x00
0x48
ED/HD Gamma A4
ED/HD Gamma Curve A (Point 80).
x
x
x
x
x
x
x
x
A4
0x00
0x49
ED/HD Gamma A5
ED/HD Gamma Curve A (Point 96).
x
x
x
x
x
x
x
x
A5
0x00
0x4A
ED/HD Gamma A6
ED/HD Gamma Curve A (Point 128).
x
x
x
x
x
x
x
x
A6
0x00
0x4B
ED/HD Gamma A7
ED/HD Gamma Curve A (Point 160).
x
x
x
x
x
x
x
x
A7
0x00
0x4C
ED/HD Gamma A8
ED/HD Gamma Curve A (Point 192).
x
x
x
x
x
x
x
x
A8
0x00
0x4D
ED/HD Gamma A9
ED/HD Gamma Curve A (Point 224).
x
x
x
x
x
x
x
x
A9
0x00
0x4E
ED/HD Gamma B0
ED/HD Gamma Curve B (Point 24).
x
x
x
x
x
x
x
x
B0
0x00
0x4F
ED/HD Gamma B1
ED/HD Gamma Curve B (Point 32).
x
x
x
x
x
x
x
x
B1
0x00
0x50
ED/HD Gamma B2
ED/HD Gamma Curve B (Point 48).
x
x
x
x
x
x
x
x
B2
0x00
0x51
ED/HD Gamma B3
ED/HD Gamma Curve B (Point 64).
x
x
x
x
x
x
x
x
B3
0x00
0x52
ED/HD Gamma B4
ED/HD Gamma Curve B (Point 80).
x
x
x
x
x
x
x
x
B4
0x00
0x53
ED/HD Gamma B5
ED/HD Gamma Curve B (Point 96).
x
x
x
x
x
x
x
x
B5
0x00
0x54
ED/HD Gamma B6
ED/HD Gamma Curve B (Point 128).
x
x
x
x
x
x
x
x
B6
0x00
0x55
ED/HD Gamma B7
ED/HD Gamma Curve B (Point 160).
x
x
x
x
x
x
x
x
B7
0x00
0x56
ED/HD Gamma B8
ED/HD Gamma Curve B (Point 192).
x
x
x
x
x
x
x
x
B8
0x00
0x57
ED/HD Gamma B9
ED/HD Gamma Curve B (Point 224).
x
x
x
x
x
x
x
x
B9
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com