Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 41Page - Analog Devices ADV7340EBZ Datasheet HTML 42Page - Analog Devices ADV7340EBZ Datasheet HTML 43Page - Analog Devices ADV7340EBZ Datasheet HTML 44Page - Analog Devices ADV7340EBZ Datasheet HTML 45Page - Analog Devices ADV7340EBZ Datasheet HTML 46Page - Analog Devices ADV7340EBZ Datasheet HTML 47Page - Analog Devices ADV7340EBZ Datasheet HTML 48Page - Analog Devices ADV7340EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 45 of 88
INPUT CONFIGURATION
The ADV7340/ADV7341 support a number of different input
modes. The desired input mode is selected using Subaddress
0x01, Bits[6:4]. The ADV7340/ADV7341 default to standard
definition only (SD only) upon power-up. Table 31 provides an
overview of all possible input configurations. Each input mode
is described in detail in the following sections.
STANDARD DEFINITION ONLY
Subaddress 0x01, Bits[6:4] = 000
Standard definition (SD) YCrCb data can be input in 4:2:2 format.
Standard definition (SD) RGB data can be input in 4:4:4 format.
A 27 MHz clock signal must be provided on the CLKIN_A pin.
Input synchronization signals are provided on the S_HSYNC
and S_VSYNC pins.
8-/10-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 0
In 8-/10-bit 4:2:2 YCrCb input mode, the interleaved pixel data
is input on Pin S9 to Pin S2/S0 (or Pin Y9 to Pin Y2/Y0, depending
on Subaddress 0x01, Bit 7), with S0/Y0 being the LSB in 10-bit
input mode. ITU-R BT.601/656 input standard is supported.
16-/20-Bit 4:2:2 YCrCb Mode
Subaddress 0x87, Bit 7 = 0; Subaddress 0x88, Bit 3 = 1
In 16-/20-bit 4:2:2 YCrCb input mode, the Y pixel data is input
on Pin S9 to Pin S2/S0 (or Pin Y9 to Pin Y2/Y0, depending on
Subaddress 0x01, Bit 7), with S0/Y0 being the LSB in 20-bit
input mode.
The CrCb pixel data is input on Pin Y9 to Pin Y2/Y0 (or Pin C9
to Pin C2/C0, depending on Subaddress 0x01, Bit 7), with
Y0/C0 being the LSB in 20-bit input mode.
24-/30-Bit 4:4:4 RGB Mode
Subaddress 0x87, Bit 7 = 1
In 24-/30-bit 4:4:4 RGB input mode, the red pixel data is input on
Pin S9 to Pin S2/S0, the green pixel data is input on Pin Y9 to
Pin Y2/Y0, and the blue pixel data is input on Pin C9 to Pin C2/C0.
S0, Y0, and C0 are the respective bus LSBs in 30-bit input mode.
MPEG2
DECODER
CLKIN_A
S[9:0] OR Y[9:0]*
27MHz
YCrCb
ADV7340/
ADV7341
*SELECTED BY SUBADDRESS 0x01, BIT 7.
S_VSYNC,
S_HSYNC
2
10
Figure 51. SD Only Example Application
Table 31. Input Configuration
S
Y
C
Input Mode1
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
000
SD Only
Y/C/S Bus Swap (0x01[7]) = 0
8-/10-Bit YCrCb2, 3
YCrCb
16-/20-Bit YCrCb2,3,4
Y
CrCb
Y/C/S Bus Swap (0x01[7]) = 1
8-/10-Bit YCrCb2, 3
YCrCb
16-/20-Bit YCrCb2,3,4
Y
CrCb
SD RGB Input Enable (0x87[7]) = 1
24-/30-Bit RGB4
R
G
B
001
ED/HD-SDR Only3,5,6,7
ED/HD RGB Input Enable (0x35[1]) = 0
16-/20-Bit YCrCb
Y
CrCb
24-/30-Bit YCrCb
Cr
Y
Cb
ED/HD RGB Input Enable (0x35[1]) = 1
24-/30-Bit RGB4
R
G
B
010
ED/HD-DDR Only
(8-/10-Bit)3, 6, 7
YCrCb
011
SD, ED/HD-SDR
(24-/30-Bit)3, 6, 7, 8
YCrCb (SD)
Y (ED/HD)
CrCb (ED/HD)
100
SD, ED/HD-DDR
(16-/20-Bit)3, 6, 7, 8
YCrCb (SD)
YCrCb (ED/HD)
111
ED Only (54 MHz)
(8-/10-Bit) 3, 6, 7
YCrCb
1 The input mode is determined by Subaddress 0x01, Bits[6:4].
2 In SD only (YCrCb) mode, the format of the input data is determined by Subaddress 0x88, Bits[4:3]. See Table 26 for more information.
3 For 8-/16-/24-bit inputs, only the eight most significant bits (MSBs) of each applicable input bus are used.
4 External synchronization signals must be used in this input mode. Embedded EAV/SAV timing codes are not supported.
5 In ED/HD-SDR only (YCrCb) mode, the format of the input data is determined by Subaddress 0x33, Bit 6. See Table 19 for more information.
6 ED = enhanced definition = 525p and 625p.
7 The bus width of the ED/HD input data is determined by Subaddress 0x33, Bit 2 (0 = 8-bit, 1 = 10-bit). See Table 19 for more information.
8 The bus width of the SD input data is determined by Subaddress 0x88, Bit 4 (0 = 8-bit, 1 = 10-bit). See Table 26 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com