Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 53Page - Analog Devices ADV7340EBZ Datasheet HTML 54Page - Analog Devices ADV7340EBZ Datasheet HTML 55Page - Analog Devices ADV7340EBZ Datasheet HTML 56Page - Analog Devices ADV7340EBZ Datasheet HTML 57Page - Analog Devices ADV7340EBZ Datasheet HTML 58Page - Analog Devices ADV7340EBZ Datasheet HTML 59Page - Analog Devices ADV7340EBZ Datasheet HTML 60Page - Analog Devices ADV7340EBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 57 of 88
DOUBLE BUFFERING
Subaddress 0x33, Bit 7 for ED/HD,
Subaddress 0x88, Bit 2 for SD
Double-buffered registers are updated once per field. Double
buffering improves overall performance because modifications
to register settings are not made during active video, but take
effect prior to the start of the active video on the next field.
Double buffering can be activated on the following ED/HD
registers using Subaddress 0x33, Bit 7: ED/HD Gamma A and
Gamma B curves, and ED/HD CGMS registers.
Double buffering can be activated on the following SD registers
using Subaddress 0x88, Bit 2: SD Gamma A and Gamma B
curves, SD Y scale, SD Cr scale, SD Cb scale, SD brightness, SD
closed captioning, and SD Macrovision Bits[5:0] (Subaddress
0xE0, Bits[5:0]).
PROGRAMMABLE DAC GAIN CONTROL
Subaddress 0x0A to Subaddress 0x0B
It is possible to adjust the DAC output signal gain up or down
from its absolute level. This is illustrated in Figure 69.
DAC 4 to DAC 6 are controlled by Register 0x0A.
DAC 1 to DAC 3 are controlled by Register 0x0B.
CASE B
700mV
300mV
NEGATIVE GAIN PROGRAMMED IN
DAC OUTPUT LEVEL REGISTERS,
SUBADDRESS 0x0A, 0x0B
CASE A
GAIN PROGRAMMED IN DAC OUTPUT LEVEL
REGISTERS, SUBADDRESS 0x0A, 0x0B
700mV
300mV
Figure 69. Programmable DAC Gain—Positive and Negative Gain
In Case A of Figure 69, the video output signal is gained. The
absolute level of the sync tip and blanking level both increase
with respect to the reference video output signal. The overall
gain of the signal is increased from the reference signal.
In Case B of Figure 69, the video output signal is reduced. The
absolute level of the sync tip and blanking level both decrease
with respect to the reference video output signal. The overall
gain of the signal is reduced from the reference signal.
The range of this feature is specified for ±7.5% of the nominal
output from the DACs. For example, if the output current of the
DAC is 4.33 mA, the DAC gain control feature can change this
output current from 4.008 mA (−7.5%) to 4.658 mA (+7.5%).
The reset value of the control registers is 0x00, that is, nominal
DAC current is output. Table 46 is an example of how the
output current of the DACs varies for a nominal 4.33 mA
output current.
Table 46. DAC Gain Control
Reg. 0x0A or
Reg.0x0B
DAC
Current
(mA)
% Gain
Note
0100 0000 (0x40)
4.658
7.5000%
0011 1111 (0x3F)
4.653
7.3820%
0011 1110 (0x3E)
4.648
7.3640%
...
...
...
...
...
...
0000 0010 (0x02)
4.43
0.0360%
0000 0001 (0x01)
4.38
0.0180%
0000 0000 (0x00)
4.33
0.0000%
Reset value,
nominal
1111 1111 (0xFF)
4.25
−0.0180%
1111 1110 (0xFE)
4.23
−0.0360%
...
...
...
...
...
...
1100 0010 (0xC2)
4.018
−7.3640%
1100 0001 (0xC1)
4.013
−7.3820%
1100 0000 (0xC0)
4.008
−7.5000%
GAMMA CORRECTION
Subaddress 0x44 to Subaddress 0x57 for ED/HD,
Subaddress 0xA6 to Subaddress 0xB9 for SD
Generally, gamma correction is applied to compensate for the
nonlinear relationship between signal input and output
brightness level (as perceived on a CRT). It can also be applied
wherever nonlinear processing is used.
Gamma correction uses the function
SignalOUT
= (SignalIN)γ
where γ = is the gamma correction factor.
Gamma correction is available for SD and ED/HD video. For
both variations, there are 20, 8-bit registers. They are used to
program the Gamma Correction Curve A and Gamma
Correction Curve B.
ED/HD gamma correction is enabled using Subaddress 0x35,
Bit 5. ED/HD Gamma Correction Curve A is programmed at
Subaddress 0x44 to Subaddress 0x4D, and ED/HD Gamma
Correction Curve B is programmed at Subaddress 0x4E to
Subaddress 0x57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com