Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7340EBZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 60Page - Analog Devices ADV7340EBZ Datasheet HTML 61Page - Analog Devices ADV7340EBZ Datasheet HTML 62Page - Analog Devices ADV7340EBZ Datasheet HTML 63Page - Analog Devices ADV7340EBZ Datasheet HTML 64Page - Analog Devices ADV7340EBZ Datasheet HTML 65Page - Analog Devices ADV7340EBZ Datasheet HTML 66Page - Analog Devices ADV7340EBZ Datasheet HTML 67Page - Analog Devices ADV7340EBZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 64 of 88
EXTERNAL HORIZONTAL AND VERTICAL SYNCHRONIZATION CONTROL
For synchronization purposes, the ADV7340/ADV7341 are able to accept either time codes embedded in the input pixel data or external
synchronization signals provided on the S_HSYNC, S_VSYNC, P_HSYNC, P_VSYNC, and P_BLANK pins (see Table 49). It is also
possible to output synchronization signals on the S_HSYNC and S_VSYNC pins (see Table 50 to Table 52).
Table 49. Timing Synchronization Signal Input Options
Signal
Pin
Condition
SD HSYNC In
S_HSYNC
SD Slave Timing Mode 1, 2, or 3 selected (Subaddress 0x8A[2:0]).1
SD VSYNC In
S_VSYNC
SD Slave Timing Mode 1, 2, or 3 selected (Subaddress 0x8A[2:0]).1
ED/HD HSYNC In
P_HSYNC
ED/HD Timing Sync. Inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD VSYNC In
P_VSYNC
ED/HD Timing Sync. Inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD BLANK In
P_BLANK
1SD and ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02[7:6] = 00).
Table 50. Timing Synchronization Signal Output Options
Signal
Pin
Condition
SD HSYNC Out
S_HSYNC
SD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
SD VSYNC Out
S_VSYNC
SD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
ED/HD HSYNC Out
S_HSYNC
ED/HD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 7 = 1).
ED/HD VSYNC Out
S_VSYNC
ED/HD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 7 = 1).
1ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02, Bit 7 = 0).
Table 51. HSYNC Output Control1
ED/HD Input Sync
Format (0x30, Bit 2)
ED/HD HSYNC
Control
(0x34, Bit 1)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Signal on S_HSYNC Pin
Duration
x
x
0
0
Tristate.
–
x
x
0
1
Pipelined SD HSYNC.
See
Appendix 5—
SD Timing.
0
0
1
x
Pipelined ED/HD HSYNC.
As per HSYNC
timing.
1
0
1
x
Pipelined ED/HD HSYNC based
on AV Code H bit.
Same as line
blanking interval.
x
1
1
x
Pipelined ED/HD HSYNC based
on horizontal counter.
Same as embedded
HSYNC.
1 In all ED/HD standards where there is a HSYNC output, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
Table 52. VSYNC Output Control1
ED/HD Input
Sync Format
(0x30, Bit 2)
ED/HD VSYNC
Control
(0x34, Bit 2)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Video Standard
Signal on S_VSYNC Pin
Duration
x
X
0
0
x
Tristate.
–
x
X
0
1
Interlaced
Pipelined SD VSYNC/Field.
See
Appendix 5—
SD Timing.
0
0
1
x
x
Pipelined ED/HD VSYNC
or field signal.
As per VSYNC or
field signal timing.
1
0
1
x
All HD interlaced
standards
Pipelined field signal
based on AV Code F bit.
Field.
1
0
1
x
All ED/HD progressive
standards
Pipelined VSYNC based on
AV Code V bit.
Vertical blanking
interval.
x
1
1
x
All ED/HD standards
except 525p
Pipelined ED/HD VSYNC
based on vertical counter.
Aligned with
serration lines.
x
1
1
x
525p
Pipelined ED/HD VSYNC
based on vertical counter.
Vertical blanking
interval.
1 In all ED/HD standards where there is a VSYNC output, the start of the VSYNC pulse is aligned with the falling edge of the embedded VSYNC in the output video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com