Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 22Page - Renesas Technology Corp IDT723663 Datasheet HTML 23Page - Renesas Technology Corp IDT723663 Datasheet HTML 24Page - Renesas Technology Corp IDT723663 Datasheet HTML 25Page - Renesas Technology Corp IDT723663 Datasheet HTML 26Page - Renesas Technology Corp IDT723663 Datasheet HTML 27Page - Renesas Technology Corp IDT723663 Datasheet HTML 28Page - Renesas Technology Corp IDT723663 Datasheet HTML 29Page - Renesas Technology Corp IDT723663 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-360-1753
San Jose, CA 95138
fax: 408-284-2775
email:FIFOhelp@idt.com
www.idt.com
ORDERING INFORMATION
BLANK
5610 drw25
Commercial (0
°C to +70°C)
XXXXXX
Device Type
XX
X
Power
Speed Package
Process/
Temperature
Range
XXX
Clock Cycle Time (tCLK)
Speed in Nanoseconds
Commercial Only
4,096 x 36
⎯ SyncFIFO™ with Bus-Matching
8,192 x 36
⎯ SyncFIFO™ with Bus-Matching
723663
723673
X
X
Tray
Tape and Reel
Blank
8
L
12
15
PF
G(2)
Low Power
Thin Quad Flat Pack (PK128, PKG128)
Green
NOTES:
1. Industrial temperature range is available by special order.
2. Green parts available. For specific speeds and packages contact your sales office.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
DATASHEET DOCUMENT HISTORY
12/20/2000
pgs. 12 and 28.
03/21/2001
pgs. 6 and 7.
08/01/2001
pgs. 6, 8, 9 and 29.
11/03/2003
pg. 1.
02/05/2009
pgs. 1 and 29.
01/11/2017
pgs. 1-29.
02/05/2018
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com