Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT723663 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # IDT723663
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT723663 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button IDT723663 Datasheet HTML 3Page - Renesas Technology Corp IDT723663 Datasheet HTML 4Page - Renesas Technology Corp IDT723663 Datasheet HTML 5Page - Renesas Technology Corp IDT723663 Datasheet HTML 6Page - Renesas Technology Corp IDT723663 Datasheet HTML 7Page - Renesas Technology Corp IDT723663 Datasheet HTML 8Page - Renesas Technology Corp IDT723663 Datasheet HTML 9Page - Renesas Technology Corp IDT723663 Datasheet HTML 10Page - Renesas Technology Corp IDT723663 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2 and 8,192 x 36 x 2
Figure 1. Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS)
0
10
20
3040
5060
70
0
50
100
150
200
250
300
VCC = 5.0V
fS
⎯ Clock Frequency ⎯ MHz
fdata = 1/2 fS
TA = 25oC
CL = 0 pF
VCC = 4.5V
VCC = 5.5V
5610 drw03
80
90
CALCULATING POWER DISSIPATION
The ICC(f) current for the graph in Figure 1 was taken while simultaneously reading and writing a FIFO on the IDT723663/723673 with CLKA and CLKB
settofS.Alldatainputsanddataoutputschangestateduringeachclockcycletoconsumethehighestsupplycurrent.Dataoutputsweredisconnectedtonormalize
the graph to a zero capacitance load. Once the capacitance load per data-output channel and the number of IDT723663/723673 inputs driven by TTL HIGH
levels are known, the power dissipation can be calculated with the equation below.
With ICC(f) taken from Figure 1, the maximum power dissipation (PT) of these FIFOs may be calculated by:
PT = VCC x [ICC(f) + (N x
ΔICC x dc)] + Σ(CL x VCC2 X fo)
where:
N
=
number of inputs driven by TTL levels
ΔICC =
increase in power supply current for each input at a TTL HIGH level
dc
=
duty cycle of inputs at a TTL HIGH level of 3.4 V
CL
=
outputcapacitanceload
fo
=
switchingfrequencyofanoutput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com